Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 129Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 130Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 131Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 132Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 133Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 134Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 135Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 136Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 131
PIC12F683
FIGURE 15-9:
CAPTURE/COMPARE/PWM TIMINGS (ECCP)
TABLE 15-6:
CAPTURE/COMPARE/PWM REQUIREMENTS (ECCP)
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
CC01*
TccL
CCP1 Input Low Time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
20
—
—
ns
CC02*
TccH
CCP1 Input High Time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
20
—
—
ns
CC03*
TccP
CCP1 Input Period
3TCY + 40
N
—
—
ns
N = prescale
value (1, 4 or
16)
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note:
Refer to Figure 15-3 for load conditions.
(Capture mode)
CC01
CC02
CC03
CCP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com