Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 131Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 132Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 133Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 134Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 135Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 136Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 137Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 138Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 133
PIC12F683
TABLE 15-9:
PIC12F683 A/D CONVERTER (ADC) CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
AD01
NR
Resolution
—
—
10 bits
bit
AD02
EIL
Integral Error
—
—
±1LSb VREF = 5.12V
AD03
EDL
Differential Error
—
—
±1
LSb No missing codes to 10 bits
VREF = 5.12V
AD04
EOFF
Offset Error
—
—
±1LSb VREF = 5.12V
AD07
EGN
Gain Error
—
—
±1LSb VREF = 5.12V
AD06
AD06A
VREF
Reference Voltage(3)
2.2
2.7
——
VDD
V
Absolute minimum to ensure 1 LSb
accuracy
AD07
VAIN
Full-Scale Range
VSS
—VREF
V
AD08
ZAIN
Recommended
Impedance of Analog
Voltage Source
——
10
k
Ω
AD09* IREF
VREF Input Current(3)
10
—
1000
μADuring VAIN acquisition.
Based on differential of VHOLD to VAIN.
——
50
μA During A/D conversion cycle.
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Total Absolute Error includes integral, differential, offset and gain errors.
2:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.
3:
ADC VREF is from external VREF or VDD pin, whichever is selected as reference input.
4:
When ADC is off, it will not consume any current other than leakage current. The power-down current
specification includes any such leakage from the ADC module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com