Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 157Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 158Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 159Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 160Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 161Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 162Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 163Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 164Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 159
PIC12F683
17.0
PACKAGING INFORMATION
17.1
Package Marking Information
*
Standard PIC® device marking consists of Microchip part number, year code, week code and traceability
code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in QTP price.
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
I/P
017
Example
12F683
0415
8-Lead SOIC (3.90 mm)
XXXXXXXX
XXXXYYWW
NNN
Example
12F683
I/SN0415
017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXX
8-Lead DFN (4x4x0.9 mm)
XXXXXX
YYWW
NNN
12F683
Example
I/MD
0415
017
XXXXXXX
8-Lead DFN-S (6x5 mm)
XXXXXXX
XXYYWW
NNN
12F683
Example
I/MF
0415
017
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com