Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 160Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 161Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 162Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 163Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 164Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 165Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 166Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 167Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 176 page
background image
PIC12F683
DS41211D-page 162
© 2007 Microchip Technology Inc.
8-Lead Plastic Dual Flat, No Lead Package (MD) – 4x4x0.9 mm Body [DFN]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package may have one or more exposed tie bars at ends.
3. Package is saw singulated.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
0.80 BSC
Overall Height
A
0.80
0.90
1.00
Standoff
A1
0.00
0.02
0.05
Contact Thickness
A3
0.20 REF
Overall Length
D
4.00 BSC
Exposed Pad Width
E2
0.00
2.20
2.80
Overall Width
E
4.00 BSC
Exposed Pad Length
D2
0.00
3.00
3.60
Contact Width
b
0.25
0.30
0.35
Contact Length
L
0.30
0.55
0.65
Contact-to-Exposed Pad
K
0.20
–
–
D
N
E
NOTE 1
1
2
A3
A
A1
NOTE 2
NOTE 1
D2
1
2
E2
L
N
e
b
K
EXPOSED
PAD
TOP VIEW
BOTTOM VIEW
Microchip Technology Drawing C04-131C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com