Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 18Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 19Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 20Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 21Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 22Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 23Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 24Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 25Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
PIC12F510/16F506
DS41268C-page 20
Preliminary
© 2007 Microchip Technology Inc.
4.4
OPTION Register
The OPTION register is a 8-bit wide, write-only register,
that contains various control bits to configure the
Timer0/WDT prescaler and Timer0.
By executing the OPTION instruction, the contents of
the W register will be transferred to the OPTION
register. A Reset sets the OPTION<7:0> bits.
Note 1: If TRIS bit is set to ‘0’, the wake-up on
change
and
pull-up
functions
are
disabled for that pin (i.e., note that TRIS
overrides Option control of GPPU/RBPU
and GPWU/RBWU).
2: If the T0CS bit is set to ‘1’, it will override
the TRIS function on the T0CKI pin.
REGISTER 4-3:
OPTION_REG: OPTION REGISTER (PIC12F510)
W-1
W-1
W-1
W-1
W-1
W-1
W-1
W-1
GPWU
GPPU
T0CS
T0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GPWU: Enable Wake-up On Pin Change bit (GP0, GP1, GP3)
1
= Disabled
0
= Enabled
bit 6
GPPU: Enable Weak Pull-ups bit (GP0, GP1, GP3)
1
= Disabled
0
= Enabled
bit 5
T0CS: Timer0 Clock Source Select bit
1
=
Transition on T0CKI pin
0
=
Internal instruction cycle clock (CLKOUT)
bit 4
T0SE: Timer0 Source Edge Select bit
1
=
Increment on high-to-low transition on T0CKI pin
0
=
Increment on low-to-high transition on T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
=
Prescaler assigned to the WDT
0
=
Prescaler assigned to Timer0
bit 2-0
PS<2:0>: Prescaler Rate Select bits
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
Timer0 Rate
WDT Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com