Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 85Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 86Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 87Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 88Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 89Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 90Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 91Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 92Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 87
PIC12F510/16F506
13.2
DC Characteristics: PIC12F510/16F506 (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +125°C (Extended)
Parm
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
D001
VDD
Supply Voltage
2.0
—
5.5
V
See Figure 13-1
D002
VDR
RAM Data Retention
Voltage(2)
—
1.5*
—
V
Device in Sleep mode
D003
VPOR
VDD Start Voltage to
ensure Power-on Reset
—Vss
—
V
See Section 10.4 “Power-on Reset
(POR)”
D004
SVDD
VDD Rise Rate to ensure
Power-on Reset
0.05*
—
—
V/ms See Section 10.4 “Power-on Reset
(POR)” for details
D010
IDD
Supply Current(3)
—385
TBD
μAFOSC = 4 MHz, VDD = 5.0V
—170
TBD
μAFOSC = 4 MHz, VDD = 2.0V(4)
—0.4
TBD
mA
FOSC = 8 MHz, VDD = 3.0V
—1.7
TBD
mA
FOSC = 20 MHz, VDD = 5.0V
—15
TBD
μAFOSC = 32 kHz, VDD = 2.0V, WDT
disabled
D020
IPD
Power-Down Current(5)
—0.1
TBD
μAVDD = 2.0V
D022
ΔIWDT WDT Current(5)
—1.0
TBD
μAVDD = 2.0V
D023
ΔICMP Comparator Current
—15
TBD
μAVDD = 2.0V
D024
ΔIADC ADC Current
—100
TBD
μAVDD = 2.0V
D025
ΔIVREF Internal Reference
Current
—80
TBD
μAVDD = 2.0V
D026
ΔCVREF Comparator Voltage
Reference Current
—58
TBD
μAVDD = 2.0V
Legend: TBD = To be determined.
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design
guidance only and is not tested.
2:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
3:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern and temperature also have an impact on
the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VSS, T0CKI = VDD,
MCLR = VDD;
WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that the device is in Sleep
mode.
4:
Does not include current through REXT (in EXTRC mode only). The current through the resistor can be
estimated by the formula:
I = VDD/2REXT (mA) with REXT in k
Ω.
5:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com