Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 57Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 58Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 59Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 60Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 61Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 62Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 63Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 64Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 59
PIC12F510/16F506
TABLE 10-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR –
PIC12F510/16F506(2)
10.2.3
EXTERNAL CRYSTAL OSCILLATOR
CIRCUIT
Either a prepackaged oscillator or a simple oscillator
circuit with TTL gates can be used as an external
crystal
oscillator
circuit.
Prepackaged
oscillators
provide a wide operating range and better stability. A
well-designed crystal oscillator will provide good perfor-
mance with TTL gates. Two types of crystal oscillator
circuits can be used: one with parallel resonance or one
with series resonance.
Figure 10-3 shows implementation of a parallel reso-
nant oscillator circuit. The circuit is designed to use the
fundamental frequency of the crystal. The 74AS04
inverter performs the 180-degree phase shift that a
parallel oscillator requires. The 4.7 k
Ω resistor provides
the negative feedback for stability. The 10 k
Ω potenti-
ometers bias the 74AS04 in the linear region. This
circuit could be used for external oscillator designs.
FIGURE 10-3:
EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
Figure 10-4 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental
frequency of the crystal. The inverter performs a 180-
degree phase shift in a series resonant oscillator
circuit. The 330
Ω resistors provide the negative
feedback to bias the inverters in their linear region.
FIGURE 10-4:
EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
10.2.4
EXTERNAL RC OSCILLATOR
For timing insensitive applications, the EXTRC device
option offers additional cost savings. The EXTRC oscil-
lator frequency is a function of the supply voltage, the
resistor (REXT) and capacitor (CEXT) values, and the
operating temperature. In addition to this, the oscillator
frequency will vary from unit-to-unit due to normal pro-
cess parameter variation. Furthermore, the difference
in lead frame capacitance between package types will
also affect the oscillation frequency, especially for low
CEXT values. The user also needs to take into account
variation due to tolerance of external R and C
components used.
Figure 10-5 shows how the R/C combination is
connected to the PIC12F510/16F506 devices. For
REXT values below 5.0 k
Ω, the oscillator operation may
become unstable or stop completely. For very high
REXT values (e.g., 1 M
Ω), the oscillator becomes
sensitive to noise, humidity and leakage. Thus, we
recommend keeping REXT between 5.0 k
Ω and
100 k
Ω.
Osc.
Type
Resonator
Freq.
Cap.Range
C1
Cap. Range
C2
LP
32 kHz(1)
15 pF
15 pF
XT
200 kHz
1 MHz
4 MHz
47-68 pF
15 pF
15 pF
47-68 pF
15 pF
15 pF
HS
(3)
20 MHz
15-47 pF
15-47 pF
Note 1:
For VDD > 4.5V, C1 = C2
≈ 30 pF is
recommended.
2:
These values are for design guidance
only. Rs may be required to avoid over-
driving crystals beyond the drive level
specification. Since each crystal has its
own characteristics, the user should con-
sult the crystal manufacturer for appropri-
ate values of external components.
3:
PIC16F506 only.
20 pF
+5V
20 pF
10k
4.7k
10k
74AS04
XTAL
10k
74AS04
CLKIN
To Other
Devices
PIC12F510
PIC16F506
330
74AS04
74AS04
CLKIN
To Other
Devices
XTAL
330
74AS04
0.1 mF
PIC12F510
PIC16F506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com