Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 60Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 61Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 62Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 63Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 64Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 65Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 66Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 67Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
PIC12F510/16F506
DS41268C-page 62
Preliminary
© 2007 Microchip Technology Inc.
TABLE 10-4:
RESET CONDITIONS FOR REGISTERS – PIC16F506
TABLE 10-5:
RESET CONDITION FOR SPECIAL REGISTERS
Register
Address
Power-on Reset
MCLR Reset, WDT Time-out,
Wake-up On Pin Change, Wake-up on
Comparator Change
W—
qqqq qqqu(1)
qqqq qqqu(1)
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PCL
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
qq0q quuu(2)
FSR
04h
110x xxxx
11uu uuuu
OSCCAL
05h
1111 111-
uuuu uuu-
PORTB
06h
--xx xxxx
--uu uuuu
PORTC
07h
--xx xxxx
--uu uuuu
CM1CON0
08h
1111 1111
uuuu uuuu
ADCON0
09h
1111 1100
uu11 1100
ADRES
0Ah
xxxx xxxx
uuuu uuuu
CM2CON0
0Bh
1111 1111
VRCON
0Ch
001- 1111
OPTION
—
1111 1111
1111 1111
TRISB
—
--11 1111
--11 1111
TRISC
—
--11 1111
--11 1111
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
Bits <7:2> of W register contain oscillator calibration values due to MOVLW XX instruction at top of
memory.
2:
See Table 10-5 for Reset value for specific conditions.
STATUS Addr: 03h
PCL Addr: 02h
Power-on Reset
0001 1xxx
1111 1111
MCLR Reset during normal operation
000u uuuu
1111 1111
MCLR Reset during Sleep
0001 0uuu
1111 1111
WDT Reset during Sleep
0000 0uuu
1111 1111
WDT Reset normal operation
0000 uuuu
1111 1111
Wake-up from Sleep Reset on pin change
1001 0uuu
1111 1111
Wake from Sleep Reset on Comparator
Change
0101 0uuu
1111 1111
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com