Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 53Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 54Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 55Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 56Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 57Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 58Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 59Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 60Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 55
PIC12F510/16F506
10.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other proces-
sors are special circuits that deal with the needs of real-
time
applications.
The
PIC12F510/16F506
microcontrollers have a host of such features intended
to maximize system reliability, minimize cost through
elimination of external components, provide power-
saving operating modes and offer code protection.
These features are:
• Oscillator Selection
• Reset:
- Power-on Reset (POR)
- Device Reset Timer (DRT)
- Wake-up from Sleep on Pin Change
• Watchdog Timer (WDT)
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming™ (ICSP™)
•Clock Out
The PIC12F510/16F506 devices have a Watchdog
Timer, which can be shut off only through Configuration
bit WDTE. It runs off of its own RC oscillator for added
reliability. If using HS (PIC16F506), XT or LP selectable
oscillator options, there is always a delay, provided by
the Device Reset Timer (DRT), intended to keep the
chip in Reset until the crystal oscillator is stable. If using
INTOSC, EXTRC or EC there is an 1.125 ms (nominal)
delay only on VDD power-up. With this timer on-chip,
most applications need no external Reset circuitry.
The Sleep mode is designed to offer a very low-current
Power-Down mode. The user can wake-up from Sleep
through a change-on-input pin or through a Watchdog
Timer time-out. Several oscillator options are also
made available to allow the part to fit the application,
including an internal 4/8 MHz oscillator. The EXTRC
oscillator option saves system cost while the LP crystal
option saves power. A set of Configuration bits are
used to select various options.
10.1
Configuration Bits
The PIC12F510/16F506 Configuration Words consist
of 12 bits. Configuration bits can be programmed to
select various device configurations. Three bits are for
the selection of the oscillator type; (two bits on the
PIC12F510), one bit is the Watchdog Timer enable bit,
one bit is the MCLR enable bit and one bit is for code
protection (Register 10-1, Register 10-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com