Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 91Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 92Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 93Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 94Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 95Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 96Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 97Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 98Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 93
PIC12F510/16F506
TABLE 13-6:
CALIBRATED INTERNAL RC FREQUENCIES
FIGURE 13-7:
I/O TIMING
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
°C ≤ TA ≤ +85°C (industrial),
-40
°C ≤ TA ≤ +125°C (extended)
Param
No.
Sym
Characteristic
Freq.
Tolerance
Min
Typ(1) Max*
Units
Conditions
F10
FOSC
Internal Calibrated INTOSC
Frequency(1)
±1%
±2%
±5%
7.92
7.84
7.60
8.00
8.00
8.00
8.08
8.16
8.40
MHz
MHz
MHz
VDD = 3.5V TA = 25°C
2.5V
≤ VDD ≤ 5.5V
0°C
≤ TA ≤ +85°C
2.0V
≤ VDD ≤ 5.5V
-40°C
≤ TA ≤ +85°C (Ind.)
-40°C
≤ TA ≤ +125°C (Ext.)
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
OSC1
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
17
20, 21
18
Old Value
New Value
19
Note:
All tests must be done with specified capacitive loads (see data sheet) 50 pF on I/O pins and CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com