Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 43Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 44Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 45Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 46Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 47Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 48Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 49Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 50Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 45
PIC12F510/16F506
REGISTER 7-3:
CM2CON0: COMPARATOR C2 CONTROL REGISTER (PIC16F506)
R-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
C2OUT
C2OUTEN
C2POL
C2PREF2
C2ON
C2NREF
C2PREF1
C2WU
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
C2OUT: Comparator Output bit
1
= VIN+ > VIN-
0
= VIN+ < VIN-
bit 6
C2OUTEN: Comparator Output Enable bit(1), (2)
1
= Output of comparator is NOT placed on the C2OUT pin
0
= Output of comparator is placed in the C2OUT pin
bit 5
C2POL: Comparator Output Polarity bit(2)
1
= Output of comparator not inverted
0
= Output of comparator inverted
bit 4
C2PREF2: Comparator Positive Reference Select bit(2)
1
= C1IN+ pin
0
= C2IN- pin
bit 3
C2ON: Comparator Enable bit
1
= Comparator is on
0
= Comparator is off
bit 2
C2NREF: Comparator Negative Reference Select bit(2)
1
= C2IN- pin
0
= CVREF
bit 1
C2PREF1: Comparator Positive Reference Select bit(2)
1
= C2IN+ pin
0
= C2PREF2 controls analog input selection
bit 0
C2WU: Comparator Wake-up on Change Enable bit(2)
1
= Wake-up on Comparator change is disabled
0
= Wake-up on Comparator change is enabled.
Note 1: Overrides TOCS bit for TRIS control of RC4.
2: When comparator is turned on, these control bits assert themselves. Otherwise, the other registers have
precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com