Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 90Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 91Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 92Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 93Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 94Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 95Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 96Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 97Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 116 page
background image
PIC12F510/16F506
DS41268C-page 92
Preliminary
© 2007 Microchip Technology Inc.
TABLE 13-5:
EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
°C ≤ TA ≤ +85°C (industrial),
-40
°C ≤ TA ≤ +125°C (extended)
Para
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
1A
FOSC
External CLKIN Frequency(2)
DC
—
4
MHz
XT Oscillator mode
DC
—
20
MHz
HS/EC Oscillator mode
(PIC16F506 only)
DC
—
200
kHz
LP Oscillator mode
Oscillator Frequency(2)
—
—
4
MHz
EXTRC Oscillator mode
0.1
—
4
MHz
XT Oscillator mode
4
—
20
MHz
HS/EC Oscillator mode
(PIC16F506 only)
—
—
200
kHz
LP Oscillator mode
1TOSC
External CLKIN Period(2)
250
—
—
ns
XT Oscillator mode
50
—
—
ns
HS/EC Oscillator mode
(PIC16F506 only)
5—
—
μs
LP Oscillator mode
Oscillator Period(2)
250
—
—
ns
EXTRC Oscillator mode
250
—
10,000
ns
XT Oscillator mode
50
—
250
ns
HS/EC Oscillator mode
(PIC16F506 only)
5—
—
μs
LP Oscillator mode
2TCY
Instruction Cycle Time
200
4/FOSC
—ns
3TosL,
TosH
Clock in (OSC1) Low or High
Time
50*
—
—
ns
XT Oscillator
2*
—
—
μs
LP Oscillator
10
—
—
ns
HS/EC Oscillator
(PIC16F506 only)
4TosR,
TosF
Clock in (OSC1) Rise or Fall
Time
—
—
25*
ns
XT Oscillator
—
—
50*
ns
LP Oscillator
—
—
15
ns
HS/EC Oscillator
(PIC16F506 only)
*
These parameters are characterized but not tested.
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25
°C unless otherwise stated. These parameters are for
design guidance only and are not tested.
2:
All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com