Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 68Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 69Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 70Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 71Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 72Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 73Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 74Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 75Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 116 page
background image
PIC12F510/16F506
DS41268C-page 70
Preliminary
© 2007 Microchip Technology Inc.
10.12 In-Circuit Serial Programming™
(ICSP™)
The
PIC12F510/16F506
microcontrollers
can
be
serially programmed while in the end application circuit.
This is simply done with two lines for clock and data,
and three other lines for power, ground and the
programming voltage. This allows customers to manu-
facture boards with unprogrammed devices and then
program the microcontroller just before shipping the
product. This also allows the most recent firmware, or
a custom firmware, to be programmed.
The devices are placed into a Program/Verify mode by
holding the GP1/RB1 and GP0/RB0 pins low while rais-
ing the MCLR (VPP) pin from VIL to VIHH (see program-
ming
specification).
GP1/RB1
becomes
the
programming clock and GP0/RB0 becomes the
programming data. Both GP1/RB1 and GP0/RB0 are
Schmitt Trigger inputs in this mode.
After Reset, a 6-bit command is supplied to the device.
Depending on the command and if the command was a
Load or a Read, 14 bits of program data are then sup-
plied to or from the device. For complete details of serial
programming, please refer to the PIC12F510/16F506
Programming Specifications.
A typical In-Circuit Serial Programming connection is
shown in Figure 10-16.
FIGURE 10-16:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC12F510
VDD
VSS
MCLR/VPP
GP1/RB1
GP0/RB0
+5V
0V
VPP
CLK
Data I/O
VDD
PIC16F506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com