Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-I/MS Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16F010-I/MS
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 32Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 33Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 34Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 35Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 36Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 37Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 38Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 39Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
PIC12F510/16F506
DS41268C-page 34
Preliminary
© 2007 Microchip Technology Inc.
TABLE 5-1:
SUMMARY OF PORT REGISTERS
TABLE 5-2:
I/O PIN FUNCTION ORDER OF PRECEDENCE (PIC16F506)
TABLE 5-3:
I/O PIN FUNCTION ORDER OF PRECEDENCE (PIC16F506)
TABLE 5-4:
I/O PIN FUNCTION ORDER OF PRECEDENCE (PIC12F510)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
All Other
Resets
N/A
TRISGPIO(1)
—
—
I/O Control Register
--11 1111
--11 1111
N/A
TRISB(2)
—
—
I/O Control Register
--11 1111
--11 1111
N/A
TRISC(2)
—
—
I/O Control Register
--11 1111
--11 1111
N/A
OPTION(1)
GPWU
GPPU
T0CS
TOSE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
N/A
OPTION(2)
RBWU
RBPU
T0CS
TOSE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
03h
STATUS(1)
GPWUF
CWUF
PA0
TO
PD
ZDC
C
0001 1xxx
qq0q quuu(3)
03h
STATUS(2)
RBWUF
CWUF
PA0
TO
PD
ZDC
C
0001 1xxx
qq0q quuu
(3)
06h
GPIO(1)
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
--uu uuuu
06h
PORTB(2)
—
—
RB5
RB4
RB3
RB2
RB1
RB0
--xx xxxx
--uu uuuu
07h
PORTC(2)
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
--uu uuuu
Legend:
– = unimplemented read as ‘0’, x = unknown, u = unchanged, q = depends on condition.
Note
1:
PIC12F510 only.
2:
PIC16F506 only.
3:
If Reset was due to wake-up on pin change, then bit 7 = 1. All other Resets will cause bit 7 = 0.
Priority
RB0
RB1
RB2
RB3
RB4
RB5
1
AN0/C1IN+
AN1/C1IN-
C1OUT
Input/MCLR
OSC2/CLKOUT
OSC1/CLKIN
2
TRISB
TRISB
AN2
—TRISB
TRISB
3
—
—TRISB
—
—
—
Priority
RC0
RC1
RC2
RC3
RC4
RC5
1C2IN+
C2IN-
CVREF
TRISC
C2OUT
T0CKI
2
TRISC
TRISC
TRISC
—TRISC
TRISC
Priority
GP0
GP1
GP2
GP3
GP4
GP5
1
AN0/C1IN+
AN1/C1IN-
C1OUT
Input/MCLR
OSC2
OSC1/CLKIN
2
TRISIO
TRISIO
AN2
—
TRISIO
TRISIO
3
—
—T0CKI
—
—
—
4
—
—TRISIO
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com