Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 5Page - Cirrus Logic CS5101A Datasheet HTML 6Page - Cirrus Logic CS5101A Datasheet HTML 7Page - Cirrus Logic CS5101A Datasheet HTML 8Page - Cirrus Logic CS5101A Datasheet HTML 9Page - Cirrus Logic CS5101A Datasheet HTML 10Page - Cirrus Logic CS5101A Datasheet HTML 11Page - Cirrus Logic CS5101A Datasheet HTML 12Page - Cirrus Logic CS5101A Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
CS5101A CS5102A
DS45F6
9
SWITCHING CHARACTERISTICS, CS5102A
(TA = TMIN to TMAX; VA+, VD+ = 5V ±10%; VA-, VD- = -5V ±10%; Inputs: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF).
Notes: 22. Minimum CLKIN period is 0.625 ms in FRN mode (20 kSps).
23. External loading capacitors are required to allow the crystal to oscillate. Maximum crystal frequency is 1.6 MHz in
FRN mode (20 kSps).
24. With a 2.0 MHz crystal, two 33 pF loading capacitors and a 10 M
Ω parallel resistor (see Figure 9).
25. These timings are for FRN mode.
26. SSH only works correctly if
HOLD falling edge is within +15 to +30 ns of CH1/2 edge or if CH1/2 edge occurs after
HOLD rises to 64tclk after HOLD has fallen. These timings are for PDT and RBT modes.
27. When
HOLD goes low, the analog sample is captured immediately. To start conversion, HOLD must be latched
by a falling edge of CLLKIN. Conversion will begin on the next rising edge of CLKIN after
HOLD is latched. If HOLD
is operated synchronous to CLKIN, the
HOLD pulse width may be as narrow as 150 ns for all CLKIN frequencies
if CLKIN falls 55 ns after
HOLD falls. This ensures that the HOLD pulse will meet the minimum specification for thcf.
Parameter
Symbol
Min
Typ
Max
Unit
CLKIN Period
(Note 22)
tclk
0.5
-
10
µs
CLKIN Low Time
tclkl
200
-
-
ns
CLKIN High Time
tclkh
200
-
-
ns
Crystal Frequency
(Note 22, Note 23)
fxtal
0.9
1.6
2.0
MHz
SLEEP Rising to Oscillator Stable
(Note 24)
-
-
20
-
ms
RST Pulse Width
trst
150
-
-
ns
RST to STBY falling
tdrrs
-100
-
ns
RST Rising to STBY Rising
tcal
-
2,882,040
-
tclk
CH1/2 Edge to TRK1, TRK2 Rising
(Note 25)
tdrsh1
-80
-
ns
CH1/2 Edge to TRK1, TRK2 Falling
(Note 25)
tdfsh4
--
68tclk+260 ns
HOLD to SSH Falling
(Note 26)
tdfsh2
-60
-
ns
HOLD to TRK1, TRK2 Falling
(Note 26)
tdfsh1
66tclk
-68tclk+260 ns
HOLD to TRK1, TRK2, SSH Rising
(Note 26)
tdrsh
-120
-
ns
HOLD Pulse Width
(Note 27)
thold
1tclk+20
-
63tclk
ns
HOLD to CH1/2 Edge
(Note 26)
tdhlri
15
-
64tclk
ns
HOLD Falling to CLKIN Falling
(Note 27)
thcf
55
-
1tclk+10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com