Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 31Page - Cirrus Logic CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic CS5101A Datasheet HTML 36Page - Cirrus Logic CS5101A Datasheet HTML 37Page - Cirrus Logic CS5101A Datasheet HTML 38Page - Cirrus Logic CS5101A Datasheet HTML 39Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
CS5101A CS5102A
DS45F6
35
SCLK - Serial Clock, PIN 14.
Serial data changes status on a falling edge of this input, and is valid on a rising edge. When SCKMOD
is high SCLK acts as an input. When SCKMOD is low the CS5101A or CS5102A generates its own
serial clock at ¼ the master clock frequency and SCLK is an output.
RST - Reset, PIN 2.
When taken low, all internal digital logic is reset. Upon returning high, a full calibration sequence is
initiated which takes 11,528,160 CLKIN cycles (CS5101A) or 2,882,040 CLKIN cycles (CS5102A) to
complete. During calibration, the HOLD input will be ignored. The CS5101A or CS5102A must be reset
at power-up for calibration, however; calibration is maintained during SLEEP mode, and need not be
repeated when resuming normal operation.
8.4
Analog Inputs
AIN1, AIN2 - Channel 1 and 2 Analog Inputs, PINS 19 and 24.
Analog input connections for the left and right input channels.
VREF - Voltage Reference, PIN 20.
The analog reference voltage which sets the analog input range. In unipolar mode VREF sets full-scale;
in bipolar mode its magnitude sets both positive and negative full-scale.
8.5
Digital Outputs
STBY - Standby (Calibrating), PIN 5.
Indicates calibration status after reset. Remains low throughout the calibration sequence and returns
high upon completion.
SDATA - Serial Output, PIN 15.
Presents each output data bit on a falling edge of SCLK. Data is valid to be latched on the rising edge
of SCLK.
SSH/SDL - Simultaneous Sample/Hold / Serial Data Latch, PIN 11.
Used to control an external sample/hold amplifier to achieve simultaneous sampling between channels.
In FRN and SSC modes (SCLK is an output), this signal provides a convenient latch signal which forms
the 16 data bits. This can be used to control external serial to parallel latches, or to control the serial
port in a DSP.
TRK1, TRK2 - Tracking Channel 1, Tracking Channel 2, PINS 8 and 9.
Falls low at the end of a conversion cycle, indicating the acquisition phase for the corresponding
channel. The TRK1 or TRK2 pin will return high at the beginning of conversion for that channel.
8.6
Analog Outputs
REFBUF - Reference Buffer Output, PIN 21.
Reference buffer output.
8.7
Miscellaneous
TEST - Test, PIN 26.
Allows access to the CS5101A's and the CS5102A's test functions which are reserved for factory use.
Must be tied to VD+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com