Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 20Page - Cirrus Logic CS5101A Datasheet HTML 21Page - Cirrus Logic CS5101A Datasheet HTML 22Page - Cirrus Logic CS5101A Datasheet HTML 23Page - Cirrus Logic CS5101A Datasheet HTML 24Page - Cirrus Logic CS5101A Datasheet HTML 25Page - Cirrus Logic CS5101A Datasheet HTML 26Page - Cirrus Logic CS5101A Datasheet HTML 27Page - Cirrus Logic CS5101A Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
CS5101A CS5102A
24
DS45F6
capacitor exhibits an impedance of less than 2
Ω at
frequencies greater than 16 kHz. A high-quality
tantalum capacitor in parallel with a smaller ceram-
ic capacitor is recommended.
Peaking in the reference's output impedance can
occur because of capacitive loading at its output.
Any peaking that might occur can be reduced by
placing a small resistor in series with the capaci-
tors. The equation in Figure 11 can be used to help
calculate the optimum value of R for a particular
reference. The term “fpeak” is the frequency of the
peak in the output impedance of the reference be-
fore the resistor is added.
Figure 11. Reference Connections
The CS5101A and CS5102A can operate with a
wide range of reference voltages, but signal-to-
noise performance is maximized by using as wide a
signal range as possible. The recommended refer-
ence voltage is 4.5 volts. The CS5101A and
CS5102A can actually accept reference voltages up
to the positive analog supply. However, the buffer's
offset may increase as the reference voltage ap-
proaches VA+ thereby increasing external drive re-
quirements at VREF. A 4.5V reference is the
maximum reference voltage recommended. This al-
lows 0.5V headroom for the internal reference buff-
er. Also, the buffer enlists the aid of an external
0.1
µF ceramic capacitor which must be tied be-
tween its output, REFBUF, and the negative analog
supply, VA-. For more information on references,
consult application note
AN004, Voltage References for CS5012A / CS5014 /CS5016 /
CS5101A / CS5102A / CS5126 Series of A/D Converters.
6.2
Analog Input Connection
The analog input terminal functions similarly to the
VREF input after each conversion when switching
into the track mode. During the first six master
clock cycles in the track mode, the buffered version
of the analog input is used for coarse-charging the
capacitor array. An additional period is required for
fine-charging directly from AIN to obtain the speci-
fied accuracy. Figure 12 shows this operation. Dur-
ing coarse-charge the charge on the capacitor
array first settles to the buffered version of the an-
alog input. This voltage may be offset from the ac-
tual input voltage. During fine-charge, the charge
then settles to the accurate unbuffered version.
Fine-charge settling is specified as a maximum of
1.125
µs (CS5101A) or 5.625 µs (CS5102A) for an
analog source impedance of less than 50
Ω. In ad-
dition, the comparator requires a source imped-
ance of less than 400
Ω around 2 MHz for stability.
The source impedance can be effectively reduced
at high frequencies by adding capacitance from
AIN to ground (typically 200 pF). However, high
DC source resistances will increase the input's RC
time constant and extend the necessary acquisi-
tion time. For more information on input amplifiers,
consult the application note,
AN006, Buffer Amplifiers for CS5012A / 14 / 16 / CS5101A /
CS5102A / CS5126 Series of A/D Converters.
Figure 12. Charge Settling Time
6.3
Sleep Mode Operation
The CS5101A and CS5102A include a SLEEP pin.
When SLEEP is active (low) each device will dissi-
pate very low power to retain its calibration memo-
21
20
23
VR E F
RE F B UF
VA-
0.1
µF
10
µF
-5V
0.01
µF
R*
+V ee
C S 5101A
OR
C S 5102A
ref
V
R
1
2
π C1 C2
+
() fpeak
⋅⋅
()
----------------------------------------------------------------
=
A cquisition Tim e (us)
+ 200
0
-1 0 0
-4 0 0
+ 100
-2 0 0
-3 0 0
Fine -C harge
C oarse -C harge
0.25
0 .5
0 .7 5
1 .0
1.0
2.0
3 .0
4.0
8 M H z C lo ck
2.0 M H z C lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com