Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 18Page - Cirrus Logic CS5101A Datasheet HTML 19Page - Cirrus Logic CS5101A Datasheet HTML 20Page - Cirrus Logic CS5101A Datasheet HTML 21Page - Cirrus Logic CS5101A Datasheet HTML 22Page - Cirrus Logic CS5101A Datasheet HTML 23Page - Cirrus Logic CS5101A Datasheet HTML 24Page - Cirrus Logic CS5101A Datasheet HTML 25Page - Cirrus Logic CS5101A Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
CS5101A CS5102A
22
DS45F6
5. SYSTEM DESIGN USING THE CS5101A & CS5102A
Figure 9 shows a general system connection diagram for the CS5101A and CS5102A.
Figure 9. CS5101A/CS5102A System Connection Diagram
5.1
System Initialization
Upon power up, the CS5101A and CS5102A must
be reset to guarantee a consistent starting condi-
tion and to initially calibrate the device. Due to
each device's low power dissipation and low tem-
perature drift, no warm-up time is required before
reset to accommodate any self-heating effects.
However, the voltage reference input should have
stabilized to within 0.25% of its final value before
RST rises to guarantee an accurate calibration.
Later, the CS5101A and CS5102A may be reset at
any time to initiate a single full calibration.
When RST is brought low all internal logic clears.
When RST returns high on the CS5101A, a cali-
bration cycle begins which takes 11,528,160 mas-
ter clock cycles to complete (approximately
1.4 seconds with an 8 MHz master clock). The cal-
ibration cycle on the CS5102A takes 2,882,040
master clock cycles to complete (approximately
1.8 seconds with a 1.6 MHz master clock). The
CS5101A's and CS5102A's STBY output remains
low throughout the calibration sequence, and a ris-
ing transition indicates the device is ready for nor-
mal operation. While calibrating, the CS5101A and
CS5102A will ignore changes on the HOLD input.
To perform the reset function, a simple power-on
reset circuit can be built using a resistor and ca-
pacitor as shown in Figure 10. The resistor should
be less than or equal to 10 k
Ω. The system power
supplies, voltage reference, and clock should all be
established prior RST rising.
VA+
VD +
10
+5 V A
+
4.7
µF
0.1
µF
+
1
µF
0.1
µF
23
1
10
++
-5 V A
4.7
µF
0.1
µF1 µF
0.1
µF
0.1
µF
21
VA-
VD -
REF B UF
25
7
CL KIN
XO UT
6
DG N D
SLEEP
STBY
TR K 1
TR K 2
SS H /S D L
SDA T A
RST
CH1 /2
SC L K
HOL D
10 M
3
4
EXT
CL O C K
C2 = C 1
10
28
5
8
9
11
15
2
13
14
12
Da ta
In te rfa ce
Co n tro l
Lo gic
CR S/FIN
16
17
27
18
26
COD E
SC K M O D
OU T M OD
BP /U P
VD+
Mo d e C o n tro l
AIN 1
AIN 2
19
24
50
1 nF
50
1 nF
An a lo g
So u rce s
VRE F
AG ND
20
22
V o ltage R e fe rence
*
*
* F o r be st d y nam ic
S /(N + D ) pe rform a n c e.
NP O
NP O
U n used L ogic in p u ts sh ou ld
b e tie d to V D + o r D G N D .
C1
C S5101A
OR
C S5102A
XTAL
XTAL & C1 T ab le
C S 5101 A
FR N
C S 5102 A
FR N
XTAL
8.0 M H z
8.19 2 M H z
1.6 M H z
C1 , C 2
10 pF
10 pF
30 pF
30 pF
2.0 M H z
1.6 M H z
or
TST
PD T, R B T ,
SSC
PD T, R B T ,
SSC
C0G
C0G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com