Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 12Page - Cirrus Logic CS5101A Datasheet HTML 13Page - Cirrus Logic CS5101A Datasheet HTML 14Page - Cirrus Logic CS5101A Datasheet HTML 15Page - Cirrus Logic CS5101A Datasheet HTML 16Page - Cirrus Logic CS5101A Datasheet HTML 17Page - Cirrus Logic CS5101A Datasheet HTML 18Page - Cirrus Logic CS5101A Datasheet HTML 19Page - Cirrus Logic CS5101A Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
CS5101A CS5102A
16
DS45F6
3.1
Calibration
The ability of the CS5101A or the CS5102A to con-
vert accurately to 16-bits clearly depends on the
accuracy of its comparator and DAC. Each device
utilizes an “auto-zeroing” scheme to null errors in-
troduced by the comparator. All offsets are stored
on the capacitor array while in the track mode and
are effectively subtracted from the input signal
when a conversion is initiated. Auto-zeroing en-
hances power supply rejection at frequencies well
below the conversion rate.
To achieve 16-bit accuracy from the DAC, the
CS5101A and CS5102A use a novel self-calibra-
tion scheme. Each bit capacitor shown in Figure 3
actually consists of several capacitors in parallel
which can be manipulated to adjust the overall bit
weight. An on-chip microcontroller precisely ad-
justs each capacitor with a resolution of 18 bits.
The CS5101A and CS5102A should be reset upon
power-up, thus initiating a calibration cycle. The
device then stores its calibration coefficients in on-
chip SRAM. When the CS5101A and CS5102A are
in power-down mode (SLEEP low), they retain the
calibration coefficients in memory, and need not be
recalibrated when normal operation is resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com