Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 25Page - Cirrus Logic CS5101A Datasheet HTML 26Page - Cirrus Logic CS5101A Datasheet HTML 27Page - Cirrus Logic CS5101A Datasheet HTML 28Page - Cirrus Logic CS5101A Datasheet HTML 29Page - Cirrus Logic CS5101A Datasheet HTML 30Page - Cirrus Logic CS5101A Datasheet HTML 31Page - Cirrus Logic CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
CS5101A CS5102A
DS45F6
29
Figure 19. CS5101A FFT (SSC Mode, 1-Channel)
Figure 20. CS5101A FFT (SSC Mode, 1-Channel)
Figure 21. CS5102A FFT (SSC Mode, 1-Channel)
Figure 22. CS5102A FFT (SSC Mode, 1-Channel)
If sampling is not synchronized to the input sine
wave, it is highly unlikely that the time record will
contain an integer number of periods of the input
signal. However, the FFT assumes that the signal
is periodic, and will calculate the spectrum of a sig-
nal that appears to have large discontinuities,
thereby yielding a severely distorted spectrum. To
avoid this problem, the time record is multiplied by
a window function prior to performing the FFT. The
window function smoothly forces the endpoints of
the time record to zero, thereby removing the dis-
continuities.
The effect of the window in the frequency-domain
is to convolute the spectrum of the window with
that of the actual input.
The quality of the window used for harmonic anal-
ysis is typically judged by its highest side-lobe lev-
el. A five term window is used in FFT testing of the
CS5101A and CS5102A. This windowing algo-
rithm attenuates the side-lobes to below the noise
floor. Artifacts of windowing are discarded from the
signal-to-noise calculation using the assumption
that quantization noise is white. Averaging the FFT
results from ten time records filters the spectral
variability that can arise from capturing finite time
records without disturbing the total energy outside
the fundamental. All harmonics are visible in the
plots.
As illustrated in Figure 19, the CS5101A typically
provides about 92 dB S/(N+D) and 0.001% THD at
25 °C. Figure 20 illustrates only minor degradation
in performance when the ambient temperature is
raised to 138 °C. Figures 21 and 22 illustrate that
the CS5102A typically yields 92 dB S/(N+D) and
0.001% THD even with a large change in ambient
temperature. Unlike conventional successive-ap-
proximation ADC's, the signal-to-noise and dy-
namic range of the CS5101A and CS5102A are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com