Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 9Page - Cirrus Logic CS5101A Datasheet HTML 10Page - Cirrus Logic CS5101A Datasheet HTML 11Page - Cirrus Logic CS5101A Datasheet HTML 12Page - Cirrus Logic CS5101A Datasheet HTML 13Page - Cirrus Logic CS5101A Datasheet HTML 14Page - Cirrus Logic CS5101A Datasheet HTML 15Page - Cirrus Logic CS5101A Datasheet HTML 16Page - Cirrus Logic CS5101A Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
CS5101A CS5102A
DS45F6
13
DIGITAL CHARACTERISTICS, ALL DEVICES
(TA = TMIN to TMAX; VA+, VD+ = 5V ±10%; VA-, VD- = -5V ±10%
29. VA- and VD- can be any value from 0 to +5V for memory retention. Neither VA- nor VD- should be allowed to go
positive. AIN1, AIN2, or VREF must not be greater than VA+ or VD+. This parameter is guaranteed by
characterization.
30. IOUT = -100 µA. This specification guarantees TTL compatibility (VOH = 2.4V @ IOUT = -40 µA).
RECOMMENDED OPERATING CONDITIONS
(AGND, DGND = 0V, see
Note 31)
31. All voltages with respect to ground.
32. The CS5101A and CS5102A can accept input voltages up to the analog supplies (VA+ and VA-). They will produce
an output of all 1s for input above VREF and all 0s for inputs below AGND in unipolar mode, and -VREF in bipolar
mode, with binary coding (CODE = low).
Parameter
Symbol
Min
Typ
Max
Unit
Calibration Memory Retention
(Note 29)
Power Supply Voltage VA+ and VD+
VMR
2.0
-
-
V
High-level Input Voltage
VIH
2.0
-
-
V
Low-level Input Voltage
VIL
--
0.8
V
High-level Output Voltage
(Note 30)
VOH
(VD+) -1.0
-
-
V
Low-level Output Voltage (except XOUT)
Iout = 1.6 mA
VOL
--
0.4
V
Input Leakage Current
Iin
--
10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
VA+
-5.5
5.5
-5.5
V
V
V
V
Analog Reference Voltage
VREF
2.5
4.5
(VA+)-0.5
V
DC Power Supplies:
(Note 32)
Unipolar
Bipolar
VAIN
VAIN
AGND
-VREF
-
-
VREF
VREF
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com