Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 28Page - Cirrus Logic CS5101A Datasheet HTML 29Page - Cirrus Logic CS5101A Datasheet HTML 30Page - Cirrus Logic CS5101A Datasheet HTML 31Page - Cirrus Logic CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic CS5101A Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
CS5101A CS5102A
32
DS45F6
cies. The proprietary architecture of the CS5101A
and CS5102A avoids applying the input voltage
across a sampling switch, thus avoiding any “aper-
ture window” effects. The second type of aperture
jitter, due to component noise, assumes a random
nature. With only 100 ps peak-to-peak aperture jit-
ter, the CS5101A and CS5102A can process full-
scale signals up to 1/2 the throughput frequency
without significant errors due to aperture jitter.
Figure 25. Power Supply Rejection
7.6
Power Supply Rejection
The power supply rejection performance of the
CS5101A and CS5102A is enhanced by the on-
chip self-calibration and an “auto-zero” process.
Drifts in power supply voltages at frequencies less
than the calibration rate have negligible effect on
the device's accuracy. This is because the
CS5101A and CS5102A adjust their offset to within
a small fraction of an LSB during calibration. Above
the calibration frequency the excellent power sup-
ply rejection of the internal amplifiers is augmented
by an auto-zero process. Any offsets are stored on
the capacitor array and are effectively subtracted
once conversion is initiated. Figure 25 shows pow-
er supply rejection of the CS5101A and CS5102A
in the bipolar mode with the analog input grounded
and a 300 mV p-p ripple applied to each supply.
Power supply rejection improves by 6 dB in the un-
ipolar mode.
Pow er Sup ply R ipp le Frequ ency
90
80
70
60
50
40
30
20
1 kH z
10 kH z
1 00 kH z
1 M H z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com