Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 27Page - Cirrus Logic CS5101A Datasheet HTML 28Page - Cirrus Logic CS5101A Datasheet HTML 29Page - Cirrus Logic CS5101A Datasheet HTML 30Page - Cirrus Logic CS5101A Datasheet HTML 31Page - Cirrus Logic CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
CS5101A CS5102A
DS45F6
31
Figure 23. CS5101A Histogram Plot of 8192
Conversion Inputs
Figure 24. CS5102A Histogram Plot of 8192
Conversion Inputs
7.4
Noise
An A/D converter's noise can be described like that
of any other analog component. However, the con-
verter's output is in digital form so any filtering of its
noise must be performed in the digital domain. Dig-
itized samples of analog inputs are often consid-
ered individual, static snap-shots in time with no
uncertainty or noise. In reality, the result of each
conversion depends on the analog input level and
the instantaneous value of noise sources in the
ADC. If sequential samples from the ADC are
treated as a “waveform”, simple filtering can be im-
plemented in software to improve noise perfor-
mance with minimal processing overhead.
All analog circuitry in the CS5101A and CS5102A
is wideband in order to achieve fast conversions
and high throughput. Wideband noise in the
CS5101A and CS5102A integrates to 35
µV rms in
unipolar mode (70
µV rms in bipolar mode). This is
approximately 1/2 LSB rms with a 4.5V reference
in both modes. Figure 23 shows a histogram plot of
output code occurrences obtained from 8192 sam-
ples taken from a CS5101A in the bipolar mode.
Hexadecimal code 7FFE was arbitrarily selected
and the analog input was set close to code center.
With a noiseless converter, code 7FFE would al-
ways appear. The histogram plot of the device has
a “bell” shape with all codes other than 7FFE due
to internal noise. Figure 24 illustrates the noise his-
togram of the CS5102A.
In a sampled data system all information about the
analog input applied to the sample/hold appears in
the baseband from DC to one-half the sampling
rate. This includes high-frequency components
which alias into the baseband. Low-pass (anti-
alias) filters are therefore used to remove frequen-
cy components in the input signal which are above
one-half the sample rate. However, all wideband
noise introduced by the CS5101A and CS5102A
still aliases into the baseband. This “white” noise is
evenly spread from DC to one-half the sampling
rate and integrates to 35
µV rms in unipolar mode.
Noise in the digital domain can be reduced by sam-
pling at higher than the desired word rate and av-
eraging
multiple
samples
for
each
word.
Oversampling spreads the device's noise over a
wider band (for lower noise density), and averag-
ing applies a low-pass response which filters noise
above the desired signal bandwidth. In general, the
device's noise performance can be maximized in
any application by always sampling at the maxi-
mum specified rate of 100 kSps (CS5101A) or
20 kSps (CS5102A) (for lowest noise density) and
digitally filtering to the desired signal bandwidth.
7.5
Aperture Jitter
Track-and-hold amplifiers commonly exhibit two
types of aperture jitter. The first, more appropriate-
ly termed “aperture window”, is an input-voltage-
dependent variation in the aperture delay. Its sig-
nal dependency causes distortion at high frequen-
7F F C
7F F D
7F F E
8000
8001
7F F F
7 FFB
20 48
40 96
61 44
81 92
Cou nt
No ise le s s
C S 510 1 A
C ode (H exade cim al)
C ou nts :
0
0
989
63 59
844
0
0
Con verte r
7FF E
7FF F 80 00(H )
80 02
80 03
80 01
7FFD
Co u nt
No is ele ss
C S 5102A
C o de
(H ex ad ec im a l)
C o unts:
05
17 27
4988
14 67
5
0
C o nverte r
81 92
61 44
40 96
20 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com