Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5101A
Description  16-bit, 100 kSps / 20 kSps A/D Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 10Page - Cirrus Logic CS5101A Datasheet HTML 11Page - Cirrus Logic CS5101A Datasheet HTML 12Page - Cirrus Logic CS5101A Datasheet HTML 13Page - Cirrus Logic CS5101A Datasheet HTML 14Page - Cirrus Logic CS5101A Datasheet HTML 15Page - Cirrus Logic CS5101A Datasheet HTML 16Page - Cirrus Logic CS5101A Datasheet HTML 17Page - Cirrus Logic CS5101A Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
CS5101A CS5102A
14
DS45F6
ABSOLUTE MAXIMUM RATINGS
(AGND, DGND = 0V, all voltages with respect to ground.
)
Notes: 33. In addition, VD+ must not be greater than (VA+) + 0.3 V.
34. Transient currents of up to 100 mA will not cause SCR latch-up
WARNING: Operation beyond these limits may result in permanent damage to the device.
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
(Note 33)
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
-0.3
0.3
-0.3
0.3
-
-
-
6.0
-6.0
6.0
-6.0
V
V
V
V
Input Current, Any Pin Except Supplies
(Note 34)
IIN
--
±10
mA
Analog Input Voltage
(AIN and VREF pins)
VINA
(VA-) - 0.3
-
(VA+) + 0.3
V
Digital Input Voltage
VIND
-0.3
-
(VA+) + 0.3
V
Ambient Operating Temperature
TA
-55
-
125
°C
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com