Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 43Page - Cirrus Logic CS8420-CSR Datasheet HTML 44Page - Cirrus Logic CS8420-CSR Datasheet HTML 45Page - Cirrus Logic CS8420-CSR Datasheet HTML 46Page - Cirrus Logic CS8420-CSR Datasheet HTML 47Page - Cirrus Logic CS8420-CSR Datasheet HTML 48Page - Cirrus Logic CS8420-CSR Datasheet HTML 49Page - Cirrus Logic CS8420-CSR Datasheet HTML 50Page - Cirrus Logic CS8420-CSR Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
DS245F4
47
CS8420
10.19 Sample Rate Ratio (1Eh) (Read Only)
The Sample Rate Ratio is Fso divided by Fsi. This value is represented as an integer and a
fractional part. The value is meaningful only after the both the PLL and SRC have reached lock,
and the SRC output is being used
SRR[7:6
The integer part of the sample rate ratio
SRR[5:0]
The fractional part of the sample rate ratio
10.20 C-Bit or U-Bit Data Buffer (20h - 37h)
Either channel status data buffer E or user data buffer E (provided UBM bits are set to block mode) is ac-
cessible via these register addresses.
10.21 CS8420 I.D. and Version Register (7Fh) (Read Only)
ID[3:0]
ID code for the CS8420. Permanently set to 0001
VER[3:0]
CS8420 Revision Level:
Revision B is coded as 0001
Revision C is coded as 0011
Revision D is coded as 0100
76543210
SRR7
SRR6
SRR5
SRR4
SRR3
SRR2
SRR1
SRR0
7654321
ID3
ID3
ID2
ID1
ID0
VER3
VER2
VER1
VER0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com