Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 86 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 86 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 82Page - Cirrus Logic CS8420-CSR Datasheet HTML 83Page - Cirrus Logic CS8420-CSR Datasheet HTML 84Page - Cirrus Logic CS8420-CSR Datasheet HTML 85Page - Cirrus Logic CS8420-CSR Datasheet HTML 86Page - Cirrus Logic CS8420-CSR Datasheet HTML 87Page - Cirrus Logic CS8420-CSR Datasheet HTML 88Page - Cirrus Logic CS8420-CSR Datasheet HTML 89Page - Cirrus Logic CS8420-CSR Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 94 page
background image
86
DS245F4
CS8420
transmitter can read out data that had previously accumulated, allowing the FIFO to empty out. If the FIFO
becomes completely empty, zeros are transmitted until a complete message is written into the FIFO.
Mode 4 is not fail-safe; the FIFO can still get completely full if there isn't enough “zero-padding” between
incoming messages. It is up to the user to provide proper padding, as defined below:
Minimum padding
= (Fsi/Fso - 1)*[8N + (N-1)*IF +9] + 9
where N is the number of IUs in the message, IF is the number of filler bits between each IU, and Fso
≤ Fsi.
Example 1: Fsi/Fso = 2, N=4, IF=1: minimum proper padding is 53 bits.
Example 2: Fsi/Fso = 1, N=4, IF=7: min proper padding is 9 bits.
The CS8420 detects when an overwrite has occurred in the FIFO, and synchronously resets the entire
FIFO structure to prevent corrupted U data from being merged into the transmitted AES3 data stream.
The CS8420 can be configured to generate an interrupt when this occurs.
Mode 4 is recommended for properly formatted U data where mode 3 cannot provide acceptable perfor-
mance, either because of a too-extreme Fsi/Fso ratio, or because it's unacceptable to change the lengths
of filler segments. Mode 4 provides error-free performance over the complete range of Fsi/Fso ratios (pro-
vided that the input messages are properly zero-padded for Fsi > Fso).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com