Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 59Page - Cirrus Logic CS8420-CSR Datasheet HTML 60Page - Cirrus Logic CS8420-CSR Datasheet HTML 61Page - Cirrus Logic CS8420-CSR Datasheet HTML 62Page - Cirrus Logic CS8420-CSR Datasheet HTML 63Page - Cirrus Logic CS8420-CSR Datasheet HTML 64Page - Cirrus Logic CS8420-CSR Datasheet HTML 65Page - Cirrus Logic CS8420-CSR Datasheet HTML 66Page - Cirrus Logic CS8420-CSR Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
DS245F4
63
CS8420
13.4
Hardware Mode 3 Description
(Transceive Data Flow, with SRC)
Hardware Mode 3 data flow is shown in Figure 26. Audio data is input via the AES3 receiver, and rate con-
verted. The audio data at the new rate is then output via the serial audio output port. Different audio data,
synchronous to OMCK, may be input into the serial audio input port, and output via the AES3 transmitter.
The channel status data, user data, and validity bit information are handled in two alternative modes: 3A
and 3B, determined by a start-up resistor on the COPY pin. In mode 3A, the received PRO, COPY, ORIG,
and AUDIO channel status bits are output on pins. The transmitted channel status bits are copied from the
received channel status data, and the transmitted U and V bits are zero.
In mode 3B, only the COPY, and ORIG pins are output, and reflect the received channel status data. The
transmitted channel status bits, user data, and validity bits are input serially via the PRO/C, EMPH/U, and
AUDIO/V pins. Figure 20 shows the timing requirements.
The serial audio input port is always a slave.
If a validity, parity, bi-phase, or lock receiver error occurs, the current audio sample will be held.
Start-up options are shown in Table 12, and allow choice of the serial audio output port as a master or slave,
whether TCBL is an input or an output, the serial audio ports formats, and the source of the transmitted C,
U, and V data. The following pages contain the detailed pin descriptions for Hardware mode 3.
AES3
Encoder
&Tx
Serial
Audio
Output
AES3 Rx
&
Decoder
Sample
Rate
Converter
C & U bit Data Buffer
Clocked by
Output Clock
Clocked by
Input Derived Clock
RXP
RXN
OLRCK
OSCLK
SDOUT
TXP
TXN
RMCK RERR
COPY ORIG EMPH/U AUDIO/V TCBL
DFC0
DFC1
VD+
H/S
Output
Clock
Source
OMCK
Power supply pins (VD+, VA+, DGND, AGND) & the reset pin (RST) and the PLL filter pin (FILT)
are omitted from this diagram. Please refer to the Typical Connection Diagram for hook-up details.
VD+
Serial
Audio
Input
ILRCK
ISCLK
SDIN
PRO/C
Figure 26. Hardware Mode 3 - Transceive Data Flow, with SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com