Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 40Page - Cirrus Logic CS8420-CSR Datasheet HTML 41Page - Cirrus Logic CS8420-CSR Datasheet HTML 42Page - Cirrus Logic CS8420-CSR Datasheet HTML 43Page - Cirrus Logic CS8420-CSR Datasheet HTML 44Page - Cirrus Logic CS8420-CSR Datasheet HTML 45Page - Cirrus Logic CS8420-CSR Datasheet HTML 46Page - Cirrus Logic CS8420-CSR Datasheet HTML 47Page - Cirrus Logic CS8420-CSR Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
44
DS245F4
CS8420
10.15 Receiver Error (10h) (Read Only)
This register contains the AES3 receiver and PLL status bits. Unmasked bits will go high on
occurrence of the error, and will stay high until the register is read. Reading the register resets
all bits to 0, unless the error source is still true. Bits that are masked off in the receiver error
mask register will always be 0 in this register. This register defaults to 00.
QCRC
Q-subcode data CRC error has occurred. Updated on Q-subcode block boundaries.
0 - No error
1 - Error
CCRC
Channel Status Block Cyclic Redundancy Check bit. Updated on CS block boundaries.
This bit is valid in Professional mode only.
0 - No error
1 - Error
UNLOCK
PLL lock status bit. Updated on CS block boundaries.
0 - PLL locked
1 - PLL out of lock
V
Received AES3 Validity bit status. Updated on sub-frame boundaries.
0 - Data is valid and is normally linear coded PCM audio
1 - Data is invalid, or may be valid compressed audio
CONF
Confidence bit. Updated on sub-frame boundaries.
0 - No error
1 - Confidence error. This indicates that the received data eye opening is less than
half a bit period, indicating a poor link that is not meeting specifications.
BIP
Bi-phase error bit. Updated on sub-frame boundaries.
0 - No error
1 - Bi-phase error. This indicates an error in the received bi-phase coding.
PAR
Parity bit. Updated on sub-frame boundaries.
0 - No error
1 - Parity error
76543210
0
QCRC
CCRC
UNLOCK
V
CONF
BIP
PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com