Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 30Page - Cirrus Logic CS8420-CSR Datasheet HTML 31Page - Cirrus Logic CS8420-CSR Datasheet HTML 32Page - Cirrus Logic CS8420-CSR Datasheet HTML 33Page - Cirrus Logic CS8420-CSR Datasheet HTML 34Page - Cirrus Logic CS8420-CSR Datasheet HTML 35Page - Cirrus Logic CS8420-CSR Datasheet HTML 36Page - Cirrus Logic CS8420-CSR Datasheet HTML 37Page - Cirrus Logic CS8420-CSR Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
34
DS245F4
CS8420
10.2
Miscellaneous Control 1 (01h)
SWCLK
Causes OMCK to be output through the RMCK pin when the PLL is unlocked
0 - RMCK is driven by the PLL VCO (default)
1 - OMCK is switched to output through the RMCK pin when the PLL is unlocked. Circuitry driv-
en by the PLL is driven by OMCK.
VSET
Transmitted V bit level
0 - Transmit a 0 for the V bit, indicating that the data is valid, and is normally linear PCM audio
(default)
1 - Transmit a 1 for the V bit, indicating that the data is invalid or is not linear PCM audio data
MUTESAO
Mute control for the serial audio output port
0 - Normal output (default)
1 - Mute the serial audio output port
MUTEAES
Mute control for the AES3 transmitter output
0 - Normal output (default)
1 - Mute the AES3 transmitter output
DITH
Dither Control
0 - Triangular PDF dither applied to output data. The level of the dither is automatically adjusted
to be appropriate for the output word length selected by the SORES bits (default)
1 - No dither applied to output data.
INT[1:0]
Interrupt (INT) output pin control
00 - Active high, high output indicates an interrupt condition has occurred (default)
01 - Active low, low output indicates an interrupt condition has occurred
10 - Open drain, active low. This setting requires an external pull up resistor on the INT pin.
11 - Reserved
TCBLD
Transmit Channel Status Block pin (TCBL) direction specifier
0 - TCBL is an input (default)
1 - TCBL is an output
7
6
5
4
32
10
SWCLK
VSET
MUTESAO
MUTEAES
DITH
INT1
INT0
TCBLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com