Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 86Page - Cirrus Logic CS8420-CSR Datasheet HTML 87Page - Cirrus Logic CS8420-CSR Datasheet HTML 88Page - Cirrus Logic CS8420-CSR Datasheet HTML 89Page - Cirrus Logic CS8420-CSR Datasheet HTML 90Page - Cirrus Logic CS8420-CSR Datasheet HTML 91Page - Cirrus Logic CS8420-CSR Datasheet HTML 92Page - Cirrus Logic CS8420-CSR Datasheet HTML 93Page - Cirrus Logic CS8420-CSR Datasheet HTML 94Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
90
DS245F4
CS8420
16.3.4
Jitter Tolerance
Shown in Figure 43 is the Receiver Jitter Tolerance template as illustrated in the AES3 and IEC60958-4
specification. CS8420 parts used with the appropriate external PLL component values (as noted in
Table 19) have been tested to pass this template.
16.3.5
Jitter Attenuation
Shown in Figure 44 and Figure 45 are jitter attenuation plots for the various revisions of the CS8420 when
used with the appropriate external PLL component values (as noted in Table 19). The AES3 and
IEC60958-4 specifications do not have allowances for locking to sample rates less than 32 kHz or for lock-
ing to the ILRCK input. These specifications state a maximum of 2 dB jitter gain or peaking.
Figure 43. Jitter Tolerance Template
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−25
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
Figure 44. Revision D Jitter Attenuation
Figure 45. Revision D1 Jitter Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com