Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 67Page - Cirrus Logic CS8420-CSR Datasheet HTML 68Page - Cirrus Logic CS8420-CSR Datasheet HTML 69Page - Cirrus Logic CS8420-CSR Datasheet HTML 70Page - Cirrus Logic CS8420-CSR Datasheet HTML 71Page - Cirrus Logic CS8420-CSR Datasheet HTML 72Page - Cirrus Logic CS8420-CSR Datasheet HTML 73Page - Cirrus Logic CS8420-CSR Datasheet HTML 74Page - Cirrus Logic CS8420-CSR Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
DS245F4
71
CS8420
13.6
Hardware Mode 5 Description
(AES3 Receiver Only)
Hardware Mode 5 data flow is shown in Figure 28. Audio data is input via the AES3 receiver, and routed to
the serial audio output port. The PRO, COPY, ORIG, EMPH, and AUDIO channel status bits are output on
pins. The decoded C and U bits are also output, clocked by both edges of OLRCK (Master mode only, see
Figure 19).
If a validity, parity, bi-phase, or lock receiver error occurs, the current audio sample is passed unmodified
to the serial audio output port.
Start-up options are shown in Table 14, and allow choice of the serial audio output port as a master or slave,
and the serial audio port format. The following pages contain the detailed pin descriptions for Hardware
mode 5.
SDOUT
ORIG
EMPH
Function
LO
-
-
Serial Output Port is Slave
HI
-
-
Serial Output Port is Master
-
LO
LO
Serial Output Format OF1
-
LO
HI
Serial Output Format OF2
-
HI
LO
Serial Output Format OF3
-
HI
HI
Serial Output Format OF5
Table 14. Hardware Mode 5 Start-Up Options
Serial
Audio
Output
AES3 Rx
&
Decoder
C&Ubit Data Buffer
RXP
RXN
OLRCK
OSCLK
SDOUT
RMCK
RERR
COPY ORIG
EMPH
RCBL
PRO AUDIO
CHS
DFC0
DFC1
S/AES
VD+
H/S
Power supply pins (VD+, VA+, DGND, AGND) & the reset pin (RST) and the PLL filter pin (FILT)
are omitted from this diagram. Please refer to the Typical Connection Diagram for hook-up details.
VD+
VD+
NVERR
C
U
OMCK
Figure 28. Hardware Mode 5 - AES3 Receiver Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com