Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 1 Page - Cirrus Logic

  CS8420-CSR Datasheet HTML 1Page - Cirrus Logic CS8420-CSR Datasheet HTML 2Page - Cirrus Logic CS8420-CSR Datasheet HTML 3Page - Cirrus Logic CS8420-CSR Datasheet HTML 4Page - Cirrus Logic CS8420-CSR Datasheet HTML 5Page - Cirrus Logic CS8420-CSR Datasheet HTML 6Page - Cirrus Logic CS8420-CSR Datasheet HTML 7Page - Cirrus Logic CS8420-CSR Datasheet HTML 8Page - Cirrus Logic CS8420-CSR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
Digital Audio Sample Rate Converter
Features
Complete IEC60958, AES3, S/PDIF, EIAJ
CP1201-compatible Transceiver with
Asynchronous Sample Rate Converter
Flexible 3-wire Serial Digital I/O Ports
8-kHz to 108-kHz Sample Rate Range
1:3 and 3:1 Maximum Input to Output Sample
Rate Ratio
128 dB Dynamic Range
-117 dB THD+N at 1 kHz
Excellent Performance at Almost a 1:1 Ratio
Excellent Clock Jitter Rejection
24-bit I/O Words
Pin and Microcontroller Read/Write Access to
Channel Status and User Data
Microcontroller and Stand-Alone Modes
General Description
The CS8420 is a stereo digital audio sample rate con-
verter (SRC) with AES3-type and serial digital audio
inputs, AES3-type and serial digital audio outputs, and
includes comprehensive control ability via a 4-wire mi-
crocontroller port. Channel status and user data can be
assembled
in
block-sized
buffers,
making
read/modify/write cycles easy.
Digital audio inputs and outputs may be 24, 20, or 16
bits. The input data can be completely asynchronous to
the output data, with the output data being synchronous
to an external system clock.
The CS8420 is available in a 28-pin SOIC package in
both Commercial (-10º to +70º C) and Automotive
grades (-40º to +85º C). The CDB8420 Customer Dem-
onstration board is also available for device evaluation
and implementation suggestions.
Please refer to “Ordering Information” on page 93 for or-
dering information.
Target applications include CD-R, DAT, MD, DVD and
VTR equipment, mixing consoles, digital audio trans-
mission
equipment,
high-quality
D/A
and
A/D
converters, effects processors, and computer audio
systems.
Serial
Audio
Input
Clock &
Data
Recovery
Misc.
Control
AES3
S/PDIF
Encoder
Serial
Audio
Output
Receiver
AES3
S/PDIF
Decoder
Sample
Rate
Converter
C&Ubit
Data
Buffer
Control
Port &
Registers
Output
Clock
Generator
RXN
RXP
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
RST
OMCK
EMPH U TCBL SDA/
CDOUT
SCL/
CCLK
AD1/
CDIN
AD0/
CS
INT
VA+ AGND FILT
RERR
VD+ DGND
H/S
RMCK
Driver
APRIL '07
DS245F4
CS8420


Similar Part No. - CS8420-CSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8420-CS ETC2-CS8420-CS Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - CS8420-CSR

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
logo
Sanyo Semicon Device
LC78845Q SANYO-LC78845Q Datasheet
144Kb / 10P
Sample Rate Converter for Digital Audio
logo
Cirrus Logic
CS8420 CIRRUS-CS8420 Datasheet
1Mb / 80P
DIGITAL AUDIO SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
digital sample rate converter.
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
digital sample rate converter.
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
digital sample rate converter.
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com