Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 7Page - Cirrus Logic CS8420-CSR Datasheet HTML 8Page - Cirrus Logic CS8420-CSR Datasheet HTML 9Page - Cirrus Logic CS8420-CSR Datasheet HTML 10Page - Cirrus Logic CS8420-CSR Datasheet HTML 11Page - Cirrus Logic CS8420-CSR Datasheet HTML 12Page - Cirrus Logic CS8420-CSR Datasheet HTML 13Page - Cirrus Logic CS8420-CSR Datasheet HTML 14Page - Cirrus Logic CS8420-CSR Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
DS245F4
11
CS8420
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C® MODE
Inputs: Logic 0 = 0 V, Logic 1 = VD+; CL = 20 pF.
16. Data must be held for sufficient time to bridge the 25 ns transition time of SCL.
Parameter
Symbol
Min
Typ
Max
Units
SCL Clock Frequency
fscl
-
-
100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
-
-
μs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
-
μs
Clock Low Time
tlow
4.7
-
-
μs
Clock High Time
thigh
4.0
-
-
μs
Setup Time for Repeated Start Condition
tsust
4.7
-
-
μs
SDA Hold Time from SCL Falling
(Note 16)
thdd
0-
-
μs
SDA Setup Time to SCL Rising
tsud
250
-
-
ns
Rise Time of Both SDA and SCL Lines
tr
-
-
25
ns
Fall Time of Both SDA and SCL Lines
tf
-
-
25
ns
Setup Time for Stop Condition
tsusp
4.7
-
-
μs
t buf
t
hdst
t
hdst
t
low
t r
t f
t
hdd
t
high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
Figure 4. I²C Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com