Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSR Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS8420-CSR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSR Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS8420-CSR Datasheet HTML 22Page - Cirrus Logic CS8420-CSR Datasheet HTML 23Page - Cirrus Logic CS8420-CSR Datasheet HTML 24Page - Cirrus Logic CS8420-CSR Datasheet HTML 25Page - Cirrus Logic CS8420-CSR Datasheet HTML 26Page - Cirrus Logic CS8420-CSR Datasheet HTML 27Page - Cirrus Logic CS8420-CSR Datasheet HTML 28Page - Cirrus Logic CS8420-CSR Datasheet HTML 29Page - Cirrus Logic CS8420-CSR Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
26
DS245F4
CS8420
Figure 20. AES3 Transmitter Timing for C, U and V Pin Input Data
VCU[0]
VCU[1]
VCU[2]
VCU[3]
VCU[4]
Data[4]
Data[5]
Data[6]
Data[7]
Data[8]
Data[0]
Data[1]
Data[2]
Data[3]
Data[4]
Z
Y
X
Y
X
AES3 Transmitter in Stereo Mode
U[0]
U[2]
VLRCK
Data[4]
Data[5]
Data[6]
Data[7]
Data[8]
Data[0]*
Data[2]*
Data[4]*
Z
Y
X
*Assume MMTLR = 0
Tsetup = > 7.5 % AES3 frame time
Thold = 0
Tsetup
Thold
Data[1]*
Data[3]*
Data[5]*
ZY
X
AES3 Transmitter in Mono Mode
*Assume MMTLR = 1
Tsetup = > 15 % AES3 frame time
Thold = 0
Tth
Tth > 3 OMCK if TCBL is Input
Tth > 3 OMCK if TCBL is Input
Tth
U
Input
TCBL
In or Out
SDIN
Input
TXP(N)
Output
TXP(N)
Output
VLRCK
VCU
Input
SDIN
Input
TCBL
In or Out
TXP(N)
.
VLRCK duty cycle is 50%
In stereo mode, VLRCK frequency = AES3 frame rate. In mono mode, ALRCK frequency = 2xAES3 frame rate.
If the serial audio input port is in master mode and TCBL is an input, the VLRCK=ILRCK if SILRPOL=0 and
VLRCK is a virtual word clock, which may not exist, and is used to illustrate CUV timing.
If the serial audio input port is in slave mode and TCBL is an output, the VLRCK=ILRCK if SILRPOL=0 and
VLRCK = ILRCK if SILRPOL = 1.
VLRCK = ILRCK if SILRPOL = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com