Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 47Page - Cirrus Logic CS8420-CSZ Datasheet HTML 48Page - Cirrus Logic CS8420-CSZ Datasheet HTML 49Page - Cirrus Logic CS8420-CSZ Datasheet HTML 50Page - Cirrus Logic CS8420-CSZ Datasheet HTML 51Page - Cirrus Logic CS8420-CSZ Datasheet HTML 52Page - Cirrus Logic CS8420-CSZ Datasheet HTML 53Page - Cirrus Logic CS8420-CSZ Datasheet HTML 54Page - Cirrus Logic CS8420-CSZ Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
DS245F4
51
CS8420
12. SOFTWARE MODE - PIN DESCRIPTION
The above diagram and the following pin descriptions apply to Software mode. In Hardware mode, some pins
change their function as described in subsequent sections of this data sheet. Fixed function pins are marked with a
*, and will be described once in this section. Pins marked with a + are used upon reset to select various start-up
options, and require a pull-up or pull-down resistor.
Power Supply Connections:
VD+ - Positive Digital Power *
Positive supply for the digital section. Nominally +5.0 V.
VA+ - Positive Analog Power *
Positive supply for the analog section. Nominally +5.0 V. This supply should be as quiet as possible since noise on
this pin will directly affect the jitter performance of the recovered clock.
DGND - Digital Ground *
Ground for the digital section. DGND should be connected to the same ground as AGND.
AGND - Analog Ground *
Ground for the analog section. AGND should be connected to the same ground as DGND.
Clock-Related Pins:
OMCK - Output Section Master Clock Input
Output section master clock input. The frequency must be 256x, 384x, or 512x the output sample rate (Fso).
RMCK - Input Section Recovered Master Clock Output
Input section recovered master clock output. Will be at a frequency of 128x or 256x the input sample rate (Fsi).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com