Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 24Page - Cirrus Logic CS8420-CSZ Datasheet HTML 25Page - Cirrus Logic CS8420-CSZ Datasheet HTML 26Page - Cirrus Logic CS8420-CSZ Datasheet HTML 27Page - Cirrus Logic CS8420-CSZ Datasheet HTML 28Page - Cirrus Logic CS8420-CSZ Datasheet HTML 29Page - Cirrus Logic CS8420-CSZ Datasheet HTML 30Page - Cirrus Logic CS8420-CSZ Datasheet HTML 31Page - Cirrus Logic CS8420-CSZ Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
28
DS245F4
CS8420
8.
AES3 TRANSMITTER AND RECEIVER
8.1
Sample Rate Converter
The equation for the group delay through the sample rate converter, with the serial ports in Master mode is:
((input interface delay + 43) / Fsi) + ((43 + output interface delay ± 0.5) / Fso)
The unit of delay depends on the frame rate (sample rate) Fs. The AES receiver has a interface delay of 2
frames. The AES transmitter, the serial input port, and the serial output port each have an interface delay
of 1 frame. The ± 0.5 frame delay in the second half of the equation is due to the start-up uncertainty of the
logic within the part.
When using multiple parts together, it is possible to start the parts simultaneously in a fashion that minimizes
the relative group delay between the parts. When multiple parts are started together in the proper way, the
variation in signal delay through the parts is ±1.5
μs.
To start the parts simultaneously, set up each one so that the PLL will lock, with the active input port driving
both output ports. Then simultaneously enable the RUN bits in all of the parts. TCBL on one of the CS8420
parts should be set as an output, while the remaining TCBL pins should be set as inputs. This synchronizes
the AES transmitter on all of the parts.
Depending upon software considerations, it may be advantageous to configure the registers so that an in-
terrupt is generated on the INT pin when lock occurs. The control logic should either poll the unlock bits until
all PLL’s are locked or wait for the interrupts to indicate that all are locked, depending on which approach
you’ve chosen.
When all of the PLL’s are locked, the CS8420’s should be advanced to the next state together. Drive all the
serial control ports together with the same clock and data. Change the configuration in register 03h accord-
ing to Table 1 or Table 2.
Table 1. Minimizing Group Delay Through Multiple CS8420s When Locking to RXP/RXN
Table 2. Minimizing Group Delay Through Multiple CS8420s When Locking to ILRCK
Register
(HEX)
Initial Value
(HEX)
Value After Advancing to the Running
State, After the PLL’s are Locked (HEX)
01
01 or 00
01 or 00
03
95
81
04
41
41
11
10
10
Register
(HEX)
Initial Value
(HEX)
Value After Advancing to the Running
State, After the PLL’s are Locked (HEX)
01
01 or 00
01 or 00
03
8A
80
04
40
40
11
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com