Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 36Page - Cirrus Logic CS8420-CSZ Datasheet HTML 37Page - Cirrus Logic CS8420-CSZ Datasheet HTML 38Page - Cirrus Logic CS8420-CSZ Datasheet HTML 39Page - Cirrus Logic CS8420-CSZ Datasheet HTML 40Page - Cirrus Logic CS8420-CSZ Datasheet HTML 41Page - Cirrus Logic CS8420-CSZ Datasheet HTML 42Page - Cirrus Logic CS8420-CSZ Datasheet HTML 43Page - Cirrus Logic CS8420-CSZ Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
40
DS245F4
CS8420
10.8
Interrupt 1 Register Status (07h) (Read Only)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least
once since the register was last read. A”0” means the associated interrupt condition has NOT
occurred since the last reading of the register. Reading the register resets all bits to 0, unless
the interrupt mode is set to level and the interrupt source is still true. Status bits that are masked
off in the associated mask register will always be “0” in this register. This register defaults to 00.
TSLIP
AES3 transmitter source data slip interrupt. In data flows with no SRC, and where OMCK, which
clocks the AES3 transmitter, is asynchronous to the data source, this bit will go high every time
a data sample is dropped or repeated. Also, when TCBL is an input, and when the SRC is not
in use, this bit will go high on receipt of a new TCBL signal.
OSLIP
Serial audio output port data slip interrupt. When the serial audio output port is in Slave mode,
and OLRCK is asynchronous to the port data source, this bit will go high every time a data sam-
ple is dropped or repeated. Also, when the SRC is used, and the SRC output goes to the output
serial port configured in Slave mode, this bit will indicate if the ratio of OMCK frequency to OL-
RCK frequency does not match what is set in the CLK1 and CLK0 bits.
SRE
Sample rate range exceeded indicator. Occurs if Fsi/Fso or Fso/Fsi exceeds 3.
OVRGL
Over-range indicator for left (A) channel SRC output. Occurs on internal over-range for left
channel data. Note that the CS8420 automatically clips over-ranges to plus or minus full scale.
OVRGR
Over-range indicator for right (B) channel SRC output. Occurs on internal over-range for right
channel data. Note that the CS8420 automatically clips over-ranges to plus or minus full scale
DETC
D to E C-buffer transfer interrupt. The source for this bit is true during the D to E buffer transfer
in the C bit buffer management process.
EFTC
E to F C-buffer transfer interrupt. The source for this bit is true during the E to F buffer transfer
in the C bit buffer management process.
RERR
A receiver error has occurred. The Receiver Error register may be read to determine the nature
of the error which caused the interrupt.
7
6
5
4
32
10
TSLIP
OSLIP
SRE
OVRGL
OVRGR
DETC
EFTC
RERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com