Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 23Page - Cirrus Logic CS8420-CSZ Datasheet HTML 24Page - Cirrus Logic CS8420-CSZ Datasheet HTML 25Page - Cirrus Logic CS8420-CSZ Datasheet HTML 26Page - Cirrus Logic CS8420-CSZ Datasheet HTML 27Page - Cirrus Logic CS8420-CSZ Datasheet HTML 28Page - Cirrus Logic CS8420-CSZ Datasheet HTML 29Page - Cirrus Logic CS8420-CSZ Datasheet HTML 30Page - Cirrus Logic CS8420-CSZ Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
DS245F4
27
CS8420
SRC
AES3
Receiver
AES3
Transmitter
PLL
In
Out
AA
AA
BB
BB
96kHz stereo
96kHz frame rate
256x96kHz
96kHz stereo
96kHz frame rate
96kHz
Fsi
96kHz
Fso
OMCK (256, 384, or 512x 96kHz)
SRC
AES3
Receiver
AES3
Transmitter
PLL (x2)
In
Out
AA
AA
BB
BB
96kHz mono
48kHz frame rate
256x96kHz
96kHz mono
48kHz frame rate
96kHz
Fsi
96kHz
Fso
OMCK (256, 384, or 512x 96kHz)
*
+
A & B sub-frames data are time-multiplexed
into consecutive samples
Consecutive samples are alternately routed
to A & B sub-fames
*+
RECEIVER
MONO MODE
RECEIVER
STEREO MODE
MMTLR
TRANSMITTER
STEREO MODE
TRANSMITTER
MONO MODE
A1
B1
Outgoing
AES3
SRC Aout
SRC Bout
A1
B1
A2
B2
STEREO
MONO
Frame
A2
B2
Outgoing
AES3
A selected
Outgoing
AES3
B selected
A1
A2
B1
B2
Frame
TRANSMITTER TIMING
Figure 21. Mono Mode Operation Compared to Normal Stereo Operation
A1
B1
A2
B2
Incoming
AES3
SRC Ain
SRC Bin
Ain & Bin
SRC
A1
A1
B1
B1
A2
B2
A2
B2
STEREO
MONO
Frame
RECEIVER TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com