Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 75Page - Cirrus Logic CS8420-CSZ Datasheet HTML 76Page - Cirrus Logic CS8420-CSZ Datasheet HTML 77Page - Cirrus Logic CS8420-CSZ Datasheet HTML 78Page - Cirrus Logic CS8420-CSZ Datasheet HTML 79Page - Cirrus Logic CS8420-CSZ Datasheet HTML 80Page - Cirrus Logic CS8420-CSZ Datasheet HTML 81Page - Cirrus Logic CS8420-CSZ Datasheet HTML 82Page - Cirrus Logic CS8420-CSZ Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
DS245F4
79
CS8420
The TXP pin may be used to drive TTL or CMOS gates as shown in Figure 32. This circuit may be used for
optical connectors for digital audio since they usually have TTL or CMOS compatible inputs. This circuit is
also useful when driving multiple digital audio outputs since RS422 line drivers have TTL compatible inputs.
14.2
AES3 Receiver External Components
The CS8420 AES3 receiver is designed to accept both the professional and consumer interfaces. The dig-
ital audio specifications for professional use call for a balanced receiver, using XLR connectors, with 110
Ω
±20% impedance. The XLR connector on the receiver should have female pins with a male shell. Since the
receiver has a very high input impedance, a 110
Ω resistor should be placed across the receiver terminals
to match the line impedance, as shown in Figure 33. Although transformers are not required by the AES,
they are, however, strongly recommended.
If some isolation is desired without the use of transformers, a 0.01
μF capacitor should be placed in series
with each input pin (RXP and RXN) as shown in Figure 34. However, if a transformer is not used, high
frequency energy could be coupled into the receiver, causing degradation in analog performance.
Figures 33 and 34 show an optional DC blocking capacitor (0.1
μF to 0.47 μF) in series with the cable input.
This improves the robustness of the receiver, preventing the saturation of the transformer, or any DC current
flow, if a DC voltage is present on the cable.
In the configuration of systems, it is important to avoid ground loops and DC current flowing down the shield
of the cable that could result when boxes with different ground potentials are connected. Generally, it is
good practice to ground the shield to the chassis of the transmitting unit, and connect the shield through a
capacitor to chassis ground at the receiver. However, in some cases it is advantageous to have the ground
of two boxes held to the same potential, and the cable shield might be depended upon to make that electrical
TXP
TXN
TTL or
CMOS Gate
CS8420
Figure 32. TTL/CMOS Output Circuit
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8420
RXP
RXN
*See Text
Figure 33. Professional Input Circuit
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8420
RXP
RXN
0.01 F
μ
0.01 F
μ
*See Text
Figure 34. Transformerless Professional Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com