Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 58Page - Cirrus Logic CS8420-CSZ Datasheet HTML 59Page - Cirrus Logic CS8420-CSZ Datasheet HTML 60Page - Cirrus Logic CS8420-CSZ Datasheet HTML 61Page - Cirrus Logic CS8420-CSZ Datasheet HTML 62Page - Cirrus Logic CS8420-CSZ Datasheet HTML 63Page - Cirrus Logic CS8420-CSZ Datasheet HTML 64Page - Cirrus Logic CS8420-CSZ Datasheet HTML 65Page - Cirrus Logic CS8420-CSZ Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
62
DS245F4
CS8420
RMCK - Input Section Recovered Master Clock Output
Input section recovered master clock output. Will be at a frequency of 256x the input sample rate (Fsi).
LOCK - PLL Lock Indicator Output
LOCK low indicates that the PLL is locked. This is also a start-up option pin, and requires a pull-up or pull-down
resistor.
Audio Output Interface:
SDOUT - Serial Audio Output Port Data Output
Audio data serial output pin. This is also a start-up option pin, and requires a pull-up or pull-down resistor.
OSCLK - Serial Audio Output Port Bit Clock Input or Output
Serial bit clock for audio data on the SDOUT pin.
OLRCK - Serial Audio Output Port Left/Right Clock Input or Output
Word rate clock for the audio data on the SDOUT pin. The frequency will be at the output sample rate (Fso).
AES3/SPDIF Transmitter Interface:
TXN, TXP - Differential Line Driver Outputs
Differential line driver outputs, transmitting AES3 type data. Drivers are pulled to low while the CS8420 is in the reset
state.
TCBL - Transmit Channel Status Block Start
When operated as output, TCBL is high during the first sub-frame of a transmitted channel status block, and low at
all other times. When operated as input, driving TCBL high for at least three OMCK clocks will cause the current
transmitted sub-frame to be the start of a channel status block.
CUVEN - C, U and V bit Input Enable Mode Input
The CUVEN pin determines how the channel status data, user data and validity bit is input. When CUVEN is low,
Hardware mode 2A is selected, where the EMPH/V, COPY/C and ORIG/U pins are used to enter selected channel
status data. When CUVEN is high, hardware 2B is selected, where the EMPH/V, COPY/C and ORIG/U pins are
used to enter serial C, U and V data.
EMPH/V - Pre-Emphasis Indicator Input or V Bit Input
In mode 2A, EMPH/V low sets the 3 EMPH channel status bits to indicate 50/15
μs pre-emphasis. EMPH/V high
sets the 3 EMPH bits to 000 indicating no pre-emphasis. In mode 2B, EMPH/V low sets the V bit to indicate valid
audio. EMPH/V high sets the V-bit to indicate non-valid audio.
COPY/C - COPY Channel Status Bit Input or C Bit Input
In mode 2A, the COPY/C pin determines the state of the COPY, PRO and L Channel Status bits in the outgoing
AES3 type data stream (See Table 9). In mode 2B, COPY/C becomes the direct C bit input data pin.
ORIG/U - ORIG Channel Status Bit Input or U Bit Input
In mode 2A, the ORIG/U pin determines the state of the COPY, PRO and L Channel Status bits in the outgoing AES3
type data stream. (See Table 9). In mode 2B, ORIG/U becomes the direct U bit input data pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com