Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 51Page - Cirrus Logic CS8420-CSZ Datasheet HTML 52Page - Cirrus Logic CS8420-CSZ Datasheet HTML 53Page - Cirrus Logic CS8420-CSZ Datasheet HTML 54Page - Cirrus Logic CS8420-CSZ Datasheet HTML 55Page - Cirrus Logic CS8420-CSZ Datasheet HTML 56Page - Cirrus Logic CS8420-CSZ Datasheet HTML 57Page - Cirrus Logic CS8420-CSZ Datasheet HTML 58Page - Cirrus Logic CS8420-CSZ Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
DS245F4
55
CS8420
13. HARDWARE MODES
13.1
Overall Description
The CS8420 has six Hardware modes, which allow use of the device without using a micro-controller to ac-
cess the device control registers and CS & U data. The flexibility of the CS8420 is necessarily limited in
Hardware mode. Various pins change function in Hardware mode, and various data paths are also possible.
These alternatives are identified by Hardware mode numbers 1 through 6. The following sections describe
the data flows and pin definitions for each Hardware mode.
13.1.1
Hardware Mode Definitions
Hardware mode is selected by connecting the H/S pin to ‘1’. In Hardware mode, 3 pins (DFC0, DFC1 &
S/AES) determine the Hardware mode number, according to Table 5. Start-up options are used exten-
sively in Hardware mode. Options include whether the serial audio output ports are master or slave, the
serial audio ports’ format and whether TCBL is an input or an output. Which output pins are used to set
which modes depends on which Hardware mode is being used.
13.1.2
Serial Audio Port Formats
In Hardware mode, only a limited number of alternative serial audio port formats are available. These for-
mats are described by Tables 6 and 7, which define the equivalent Software mode bit settings for each
format. Timing diagrams are shown in Figures 17 and 18.
For each Hardware mode, the following pages contain a data flow diagram, a pin-out drawing, a pin de-
scriptions list and a definition of the available start-up options.
DFC1 DFC0 S/AES
Hardware Mode Number
0
0
0
1 - Default Data Flow, AES3 input
0
0
1
2 - Default Data Flow, serial input
0
1
-
3 - Transceive Flow, with SRC
1
0
-
4 - Transceive Flow, no SRC
1
1
0
5 - AES3 Rx only, AES3 input
1
1
1
6 - AES3 Tx only, serial input
Table 5. Hardware Mode Definitions
SOSF
SORES1/0
SOJUST
SODEL
SOSPOL
SOLRPOL
OF1 - Left-Justified
0
00
0
0
1
0
OF2 - I²S 24-bit data
0
00
0
1
0
1
OF3 - Right-Justified, Master
mode only
000
1
0
0
0
OF4 - I²S 16-bit data
0
10
0
1
0
1
OF5 - Direct AES3 data
0
11
0
0
1
0
Table 6. Serial Audio Output Formats Available in Hardware Mode
SISF
SIRES1/0
SIJUST
SIDEL
SISPOL
SILRPOL
IF1 - Left-Justified
0
00
0
0
1
0
IF2 - I²S
0
00
0
1
0
1
IF3 - Right-Justified 24-bit data
0
00
1
0
0
0
IF4 - Right-Justified 16-bit data
0
10
1
0
0
0
Table 7. Serial Audio Input Formats Available in Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com