Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 87 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 87 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 83Page - Cirrus Logic CS8420-CSZ Datasheet HTML 84Page - Cirrus Logic CS8420-CSZ Datasheet HTML 85Page - Cirrus Logic CS8420-CSZ Datasheet HTML 86Page - Cirrus Logic CS8420-CSZ Datasheet HTML 87Page - Cirrus Logic CS8420-CSZ Datasheet HTML 88Page - Cirrus Logic CS8420-CSZ Datasheet HTML 89Page - Cirrus Logic CS8420-CSZ Datasheet HTML 90Page - Cirrus Logic CS8420-CSZ Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
DS245F4
87
CS8420
16. PLL FILTER
16.1
General
An on-chip Phase Locked Loop (PLL) is used to recover the clock from the incoming data stream. Figure
41 is a simplified diagram of the PLL in CS8420 devices. When the PLL is locked to an AES3 input stream,
it is updated at each preamble in the AES3 stream. This occurs at twice the sampling frequency, FS. When
the PLL is locked to ILRCK, it is updated at FS so that the duty cycle of the input doesn’t affect jitter.
There are some applications where low jitter in the recovered clock, presented on the RMCK pin, is impor-
tant. For this reason, the PLL has been designed to have good jitter attenuation characteristics, as shown
in Figure 44 and Figure 45. In addition, the PLL has been designed to use only the preambles of the AES3
stream to provide lock update information to the PLL. This results in the PLL being immune to data-depen-
dent jitter effects because the AES3 preambles do not vary with the data.
The PLL has the ability to lock onto a wide range of input sample rates with no external component changes.
If the sample rate of the input subsequently changes, for example in a varispeed application, the PLL will
only track up to ±12.5% from the nominal center sample rate. The nominal center sample rate is the sample
rate that the PLL first locks onto upon application of an AES3 data stream or after enabling the CS8420
clocks by setting the RUN control bit. If the 12.5% sample rate limit is exceeded, the PLL will return to its
wide lock range mode and re-acquire a new nominal center sample rate.
16.2
External Filter Components
16.2.1
General
The PLL behavior is affected by the external filter component values. Figure 5 on page 12 shows the rec-
ommended configuration of the two capacitors and one resistor that comprise the PLL filter. In Table 19
and Table 20, the component values shown for the 32 to 96 kHz range have the highest corner frequency
jitter attenuation curve, takes the shortest time to lock, and offers the best output jitter performance. The
component values shown in Table 18 and Table 20 for the 8to96kHz range allows the lowest input sam-
ple rate to be 8 kHz, and increases the lock time of the PLL. Lock times are worst case for an Fsi transition
of 96 kHz.
Phase
Comparator
and Charge Pump
÷N
VCO
RMCK
INPUT
Crip
Cfilt
Rfilt
Figure 41. PLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com