Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 56Page - Cirrus Logic CS8420-CSZ Datasheet HTML 57Page - Cirrus Logic CS8420-CSZ Datasheet HTML 58Page - Cirrus Logic CS8420-CSZ Datasheet HTML 59Page - Cirrus Logic CS8420-CSZ Datasheet HTML 60Page - Cirrus Logic CS8420-CSZ Datasheet HTML 61Page - Cirrus Logic CS8420-CSZ Datasheet HTML 62Page - Cirrus Logic CS8420-CSZ Datasheet HTML 63Page - Cirrus Logic CS8420-CSZ Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
60
DS245F4
CS8420
COPY/C
ORIG/U
Function
00
PRO=0, COPY=0, L=0
01
PRO=0, COPY=0, L=1
10
PRO=0, COPY=1, L=0
11
PRO=1
Table 9. HW Mode 2A COPY/C and ORIG/U Pin Function
SFMT1
SFMT0
Function
00
Serial Input & Output Format IF1&OF1
01
Serial Input & Output Format IF2&OF2
10
Serial Input & Output Format IF3&OF3
11
Serial Input & Output Format IF4&OF3
Table 10. HW Mode 2 Serial Audio Port Format Selection
SDOUT
LOCK
Function
LO
-
Serial Output Port is Slave
HI
-
Serial Output Port is Master
-
LO
TCBL is an input
-
HI
TCBL is an output
Table 11. Hardware Mode 2 Start-Up Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com