Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZ Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS8420-CSZ
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZ Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS8420-CSZ Datasheet HTML 73Page - Cirrus Logic CS8420-CSZ Datasheet HTML 74Page - Cirrus Logic CS8420-CSZ Datasheet HTML 75Page - Cirrus Logic CS8420-CSZ Datasheet HTML 76Page - Cirrus Logic CS8420-CSZ Datasheet HTML 77Page - Cirrus Logic CS8420-CSZ Datasheet HTML 78Page - Cirrus Logic CS8420-CSZ Datasheet HTML 79Page - Cirrus Logic CS8420-CSZ Datasheet HTML 80Page - Cirrus Logic CS8420-CSZ Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
DS245F4
77
CS8420
ILRCK - Serial Audio Input Port Left/Right Clock
Input or Output Word rate clock for the audio data on the SDIN pin.
APMS - Serial Audio Input Port Master or Slave.
APMS should be connected to VD+ to set serial audio input port as a master, or connected to DGND to set the port
as a slave.
AES3/SPDIF Transmitter Interface:
TXN, TXP - Differential Line Driver Outputs
Differential line driver outputs, transmitting AES3 type data. Drivers are pulled to low while the CS8420 is in the reset
state.
TCBL - Transmit Channel Status Block Start
When operated as output, TCBL is high during the first sub-frame of a transmitted channel status block, and low at
all other times. When operated as input, driving TCBL high for at least three OMCK clocks will cause the current
transmitted sub-frame to be the start of a channel status block.
TCBLD - Transmit Channel Status Block Direction Input
Connect TCBLD to VD+ to set TCBL as an output. Connect TCBLD to DGND to set TCBL as an input.
EMPH - Pre-Emphasis Indicator Input
In mode 6B, EMPH pin low sets the 3 EMPH channel status bits to indicate 50/15
μs pre-emphasis. If EMPH is high
the 3 EMPH channel status bits are set to 000 indicating no pre-emphasis.
COPY/C - COPY Channel Status Bit Input or C Bit Input
In mode 6B, the COPY/C pin determines the state of the COPY, PRO and L Channel Status bits in the outgoing
AES3 type data stream (See Table 15). In mode 6A, the COPY/C pin becomes the direct C bit input data pin.
ORIG - ORIG Channel Status Bit Input
In mode 6B, the ORIG pin determines the state of the COPY, PRO and L Channel Status bits in the outgoing AES3
type data stream. See Table 15.
AUDIO - Audio Channel Status Bit Input
In mode 6B, the AUDIO pin determines the state of the audio/non audio Channel Status bit in the outgoing AES3
type data stream.
V - Validity Bit Input
In modes 6A and 6B, the V pin input determines the state of the validity bit in the outgoing AES3 transmitted data.
This pin is sampled on both edges of the ILRCK.
U - User Data Bit Input
In modes 6A and 6B, the U pin input determines the state of the user data bit in the outgoing AES3 transmitted data.
This pin is sampled on both edges of the ILRCK.
CEN - C Bit Input Enable Mode Input
The CEN pin determines how the channel status data bits are input. When CEN is low, Hardware mode 6A is se-
lected, where the COPY/C, ORIG, EMPH and AUDIO pins are used to enter selected channel status data. When
CEN is high, Hardware mode 6B is selected, where the COPY/C pin is used to enter serial channel status data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com