Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 4 Page - Analog Devices

  SSM2602 Datasheet HTML 1Page - Analog Devices SSM2602 Datasheet HTML 2Page - Analog Devices SSM2602 Datasheet HTML 3Page - Analog Devices SSM2602 Datasheet HTML 4Page - Analog Devices SSM2602 Datasheet HTML 5Page - Analog Devices SSM2602 Datasheet HTML 6Page - Analog Devices SSM2602 Datasheet HTML 7Page - Analog Devices SSM2602 Datasheet HTML 8Page - Analog Devices SSM2602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SSM2602
Preliminary Technical Data
Rev. PrB | Page 4 of 28
4
Parameter
Min
Typ
Max
Unit
Conditions
HEADPHONE OUTPUT
Full-Scale Output Voltage
1 × AVDD/3.3
V rms
30
mW
RL = 32 Ω
Maximum Output Power
60
mW
RL = 16 Ω
Signal-to-Noise Ratio (A-Weighted)
92
100
dB
−50
dB
POUT = 10 mW
THD + N
−55
dB
POUT = 20 mW
Power Supply Rejection Ratio
50
dB
Mute Attenuation
80
dB
LINE INPUT TO LINE OUTPUT
Full-Scale Output Voltage
1 × AVDD/3.3
V rms
Signal-to-Noise Ratio (A-Weighted)
96
dB
Total Harmonic Distortion
−80
dB
Power Supply Rejection
50
dB
MICROPHONE INPUT TO
HEADPHONE OUTPUT
Full-Scale Output Voltage
1 × AVDD/3.3
V rms
Signal-to-Noise Ratio (A-Weighted)
98
dB
Power Supply Rejection Ratio
50
dB
Programmable Attenuation
6
15
dB
Gain Step
3
dB
Mute Attenuation
80
dB
RECOMMENDED OPERATING CONDITIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Analog Voltage Supply (AVDD)
1.8
3.3
3.6
V
Digital Power Supply
1.5
3.3
3.6
V
Ground (AGND, PGND, DGND
0
V
DIGITAL FILTER CHARACTERISTICS
Table 3.
Parameter
Min
Typ
Max
Unit
Conditions
ADC FILTER
Pass Band
0
0.445 fS
Hz
±0.04 dB
0.5 fS
Hz
−6 dB
Pass-Band Ripple
±0.04
dB
Stop Band
0.555 fS
Hz
Stop-Band Attenuation
−60
dB
f > 0.567 fS
High-Pass Filter Corner Frequency
3.7
Hz
−3 dB
10.4
Hz
−0.5 dB
21.6
Hz
−0.1 dB
DAC FILTER
Pass Band
0
0.445 fS
Hz
±0.03 dB
0.5 fS
Hz
−6 dB
Pass-Band Ripple
±0.04
dB
Stop Band
0.555 fS
Hz
Stop-Band Attenuation
−58
dB
f > 0.565 fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com