Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 9Page - Analog Devices SSM2602 Datasheet HTML 10Page - Analog Devices SSM2602 Datasheet HTML 11Page - Analog Devices SSM2602 Datasheet HTML 12Page - Analog Devices SSM2602 Datasheet HTML 13Page - Analog Devices SSM2602 Datasheet HTML 14Page - Analog Devices SSM2602 Datasheet HTML 15Page - Analog Devices SSM2602 Datasheet HTML 16Page - Analog Devices SSM2602 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 13 of 28
SOFTWARE CONTROL INTERFACE
The software control interface can be operated with a 3-wire (SPI)
or 2-wire (I2C) interface. Selection of the interface format is
achieved by setting the state of the MODE pin.
Table 8. Selecting the Interface Format
MODE Pin Setting
Interface
0
2-wire (I2C) interface
1
3-wire (SPI) interface
In 3-wire (SPI) mode, SDIN is used for the program data, SCLK
is used to clock in the program data, and CSB is used to latch in
the program data. In 2-wire (I2C) mode, SDIN is used for serial
data, SCLK is used for the serial clock, and the state of the CSB
pin allows the user to select one of two addresses (see Table 9).
Table 9. Selecting the Address
CSB Pin Setting
Address
0
0011010
1
0011011
B15
B14
CSB
CCLK
SDIN
B0
B01
B02
B03
B04
B05
B06
B07
B08
B09
B10
B11
B12
B13
NOTES
1. B15 TO B9 ARE REGISTER MAP ADDRESS.
2. B8 TO B0 ARE REGISTER DATA.
Figure 19. SPI Serial Interface
P
9
8
1 – 7
9
8
1 – 7
9
8
1 – 7
S
SDATA
SCLOCK
START
ADDR
R/W
ACK
ACK
SUBADDRESS
ACK
STOP
DATA
Figure 20. SSM2602 2-Wire I2C Generalized Clocking Diagram
WRITE
SEQUENCE
READ
SEQUENCE
SA1
A7
A0
A(S)
A(S)
S
B15
B9
0
01
0P
0
...
A1
A7
A0
A(S)
...
B0
B8
B7
A(M)
A(M)
...
B0
B7
P
...
...
...
DEVICE
ADDRESS
DEVICE
ADDRESS
REGISTER
ADDRESS
SA1
A7
A0
A(S)
A(S)
A(S)
B15
B9
B8
0
...
...
DEVICE
ADDRESS
REGISTER
ADDRESS
REGISTER
DATA
(SLAVE DRIVE)
REGISTER
DATA
S/P = START/STOP BIT.
A0 = I2C R/W BIT.
A(S) = ACKNOWLEGE BY SLAVE.
A(M) = ACKNOWLEGE BY MASTER.
A(M) = ACKNOWLEGE BY MASTER.
Figure 21. SSM2602 I2C Write and Read Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com