Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 26 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 26 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 20Page - Analog Devices SSM2602 Datasheet HTML 21Page - Analog Devices SSM2602 Datasheet HTML 22Page - Analog Devices SSM2602 Datasheet HTML 23Page - Analog Devices SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices SSM2602 Datasheet HTML 27Page - Analog Devices SSM2602 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
SSM2602
Preliminary Technical Data
Rev. PrB | Page 26 of 28
ALC CONTROL 2, ADDRESS 0x11
Table 38. ALC Control 2 Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
DCY [3:0]
ATK [3:0]
Table 39. Descriptions of ALC Control 2 Register Bits
Bit Name
Description
Settings
DCY [3:0]
Decay (release) time control
0000: 24 ms
0001: 48 ms
0010: 96 ms
0011: 192 ms (default)
… 24 ms steps up to
1010: 24.576 sec
ATK [3:0]
ALC attack time control
0000: 6 ms
0001: 12 ms
0010: 24 ms (default)
… 6 ms steps up to
1010: 6.144 sec
NOISE GATE, ADDRESS 0x12
Table 40. Noise Gate Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
NGTH [4:0]
NGG [1:0]
NGAT
Table 41. Descriptions of Noise Gate Register Bits
Bit Name
Description
Settings
NGTH [4:0]
Noise gate threshold
00000: −76.5 dBFS (default)
00001: −75 dBFS
… 1.5 dB steps up to
11110: −31.5 dBFS
11111: −30 dBFS
NGG [1:0]
Noise gate type
X0: hold PGA gain constant (default)1
01: mute output
11: reserved
NGAT
Noise enable
0: noise disable (default)
1: noise enable
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com