Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 22 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 22 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 18Page - Analog Devices SSM2602 Datasheet HTML 19Page - Analog Devices SSM2602 Datasheet HTML 20Page - Analog Devices SSM2602 Datasheet HTML 21Page - Analog Devices SSM2602 Datasheet HTML 22Page - Analog Devices SSM2602 Datasheet HTML 23Page - Analog Devices SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
SSM2602
Preliminary Technical Data
Rev. PrB | Page 22 of 28
POWER MANAGEMENT, ADDRESS 0x06
Table 23. Power Management Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
PWROFF
CLKOUTPD
OSCPD
OUTPD
DACPD
ADCPD
MICPD
LINEINPD
Table 24.
Bit Name
Description
Settings
PWROFF
Whole chip power-down control
0 = power up
1 = power down (default)
CLKOUTPD
Clock output power-down control
0 = power up (default)
1 = power down
OSCPD
Crystal power-down control
0 = power up (default)
1 = power down
OUTPD
Output power-down control
0 = power up
1 = power down (default)
DACPD
DAC power-down control
0 = power up
1 = power down (default)
ADCPD
ADC power-down control
0 = power up
1 = power down (default)
MICPD
Microphone input power-down control
0 = power up
1 = power down (default)
LINEINPD
Line input power-down control
0 = power up
1 = power down (default)
POWER CONSUMPTION
Table 25.
Mode
PWROFF
CLKOUTPD
OSCPD
OUTPD
DACPD
ADCPD
MICPD
LINEINPD
AVDD
(3.3 V)
HPVDD
(3.3 V)
DCVDD
(1.5 V)
DBVDD
(1.5 V)
Unit
Record and
Playback
0
0
0
0
0
0
0
0
8.36
1.7
TBD
TBD
mA
Playback Only
Oscillator
Enabled
0
0
0
0
0
1
1
1
3.1
1.7
TBD
TBD
mA
External Clock
0
1
1
0
0
1
1
1
3.1
1.7
TBD
TBD
mA
Record Only
Line Clock
0
0
0
1
1
0
1
0
3.15
-
TBD
TBD
mA
Line Oscillator
0
0
1
1
1
0
1
0
3.15
-
TBD
TBD
mA
Microphone 1
0
0
0
1
1
0
0
1
3.45
-
TBD
TBD
mA
Microphone 2
0
0
1
1
1
0
0
1
3.45
TBD
TBD
mA
Sidetone
(Microphone to
Headphone
Output)
External Clock
0
0
1
0
1
1
0
1
2.24
1.7
TBD
TBD
mA
Internally
Generated
Clock
0
0
1
0
1
1
0
1
2.24
1.7
TBD
TBD
mA
Analog Bypass
(Line Input or
Line Output)
External Line
0
0
1
0
1
1
1
0
1.94
1.7
TBD
TBD
mA
Internally
Generated
Line
0
0
1
0
1
1
1
0
1.94
1.7
TBD
TBD
mA
Power-Down
External Clock
1
1
1
1
1
1
1
1
TBD
TBD
TBD
TBD
mA
Oscillator
1
1
1
1
1
1
1
1
TBD
TBD
TBD
TBD
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com