Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 7Page - Analog Devices SSM2602 Datasheet HTML 8Page - Analog Devices SSM2602 Datasheet HTML 9Page - Analog Devices SSM2602 Datasheet HTML 10Page - Analog Devices SSM2602 Datasheet HTML 11Page - Analog Devices SSM2602 Datasheet HTML 12Page - Analog Devices SSM2602 Datasheet HTML 13Page - Analog Devices SSM2602 Datasheet HTML 14Page - Analog Devices SSM2602 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 11 of 28
ANALOG INTERFACE
Microphone Input
High impedance input MIC
TBD
Headphone Output
TBD
Sidetone Insertion
TBD
DIGITAL AUDIO INTERFACE
The digital audio input can support various communication
protocols:
•
Right justified
•
Left justified
•
I2S mode
•
Digital-signal processor (DSP) mode
The mode selection is performed by writing to the FORMAT [1:0]
bits of the digital audio interface register (Register R7). All
modes are MSB first and operate with data of 16 to 32 bits.
ADCLRC/
DACLRC
BCLK
ADCDAT/
DACDAT
1
234
NN
1
2
LEFT CHANNEL
3
RIGHT CHANNEL
1/
fS
Figure 14. Left-Justified Audio Interface
ADCLRC/
DACLRC
BCLK
ADCDAT/
DACDAT
N
4
321
1
N
LEFT CHANNEL
2
3
RIGHT CHANNEL
4
1/
fS
Figure 15. Right-Justified Audio Interface
ADCLRC/
DACLRC
BCLK
ADCDAT/
DACDAT
12
34
N
N
1
2
LEFT CHANNEL
3
RIGHT CHANNEL
1/
fS
Figure 16. I2S Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com