Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 25 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 25 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 20Page - Analog Devices SSM2602 Datasheet HTML 21Page - Analog Devices SSM2602 Datasheet HTML 22Page - Analog Devices SSM2602 Datasheet HTML 23Page - Analog Devices SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices SSM2602 Datasheet HTML 27Page - Analog Devices SSM2602 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 25 of 28
Sampling Rate Register Setting
BOSR
SR3
SR2
SR1
SR0
Normal/USB
MCLK (MHz)
ADC Sampling Rate (kHz)
DAC Sampling Rate (kHz)
0
0
1
1
0
1
12
32
32
0
0
1
1
1
1
12
96
96
1
1
1
1
1
1
12
88.2
88.2
ACTIVE, ADDRESS 0x09
Table 32. Active Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
ACTIVE
Table 33. Descriptions of Active Register Bit
Bit Name
Description
Settings
ACTIVE
Digital core activation control
0 = disable digital core (default)
1 = activate digital core
RESET, ADDRESS 0x0F
Table 34. Reset Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
RESET [8:0]
Table 35. Descriptions of Reset Register Bits
Bit Name
Description
Settings
RESET [8:0]
Write to RESET register to set all control registers to default
setting.
0 = reset (default)
ALC CONTROL 1, ADDRESS 0x10
Table 36. ALC Control 1 Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALCSEL [1:0]
MAXGAIN [2:0]
ALCL [[3:0]
Table 37. Descriptions of ALC Control 1 Register Bits
Bit Name
Description
Settings
ALCSEL [1:0]
ALC selection
00: ALC disabled (default)
01: ALC enabled, right channel only
10: ALC enabled, left channel only
11: N/A
MAXGAIN [2:0]
PGA maximum gain
000: −12 dB
001: −6 dB
… 6 dB steps up to
111: 30 dB (default)
ALCL [3:0]
ALC target level
0000: −28.5 dBFS
0001: −27 dBFS
…
1011: −12 dBFS (default)
… 1.5 dB steps up to
1111: −6 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com